Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FC250B1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FC250B1
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC250B1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FC250B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 10Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
©
2000 GE Company
e
c
n
a
t
i
c
a
p
a
C
)
F
µ
(
#
g
o
l
a
t
a
C
e
s
a
C
e
l
y
t
S
t
h
g
i
e
H
)
n
i
(
c
t
n
e
r
r
u
C
)
A
(
k
a
e
P
s
t
l
o
V
0
0
0
1
2
3
5
5
0
1
0
1
4
1
6
8
F
7
9
A
5
1
6
8
F
7
9
A
6
1
6
8
F
7
9
A
7
1
6
8
F
7
9
A
8
1
6
8
F
7
9
A
9
1
6
8
F
7
9
A
A
C
C
*
C
D
*
D
5
7
.
4
8
8
.
3
5
7
.
4
5
2
.
5
5
2
.
6
5
7
.
6
5
5
1
7
2
0
1
7
0
1
2
8
1
9
8
1
k
a
e
P
s
t
l
o
V
0
0
5
1
1
2
3
5
5
0
1
0
2
6
8
F
7
9
A
1
2
6
8
F
7
9
A
2
2
6
8
F
7
9
A
3
2
6
8
F
7
9
A
4
2
6
8
F
7
9
A
5
2
6
8
F
7
9
A
A
C
C
C
*
C
G
8
8
.
3
8
8
.
3
0
5
.
4
5
2
.
6
5
7
.
6
8
1
.
5
5
3
8
5
6
7
6
1
1
1
2
1
7
0
2
SCR Commutation Capacitors
(All Dimensions in Inches)
STANDARD RATINGS *
* ALL UNITS ARE UNPAINTED CASE & COVER
Case Styles A, C and D
Case Styles C* and D*
Case
Style G
Case Style
a
b
d
f
A
2.16
1.31
0.81
1.18
C
2.91
1.91
1.38
1.12
D
3.66
1.97
1.38
1.12
C*
2.91
1.91
1.25
0.91
D*
3.66
1.97
1.25
0.91
6


Similar Part No. - FC250B1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R1 MACOM-FC250R1 Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results

Similar Description - FC250B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com