Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7142LA20C Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7142LA20C
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7142LA20C Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7142LA20C Datasheet HTML 1Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 2Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 3Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 4Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 5Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 6Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 7Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 8Page - Integrated Device Technology IDT7142LA20C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1,5,8) (VCC = 5.0V ± 10%)
NOTES:
1. 'X' in part numbers indicates power rating (SA or LA).
2. PLCC Package only
3. At f = fMax, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST CONDITIONS” of input levels
of GND to 3V.
4. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
5. Vcc = 5V, TA=+25°C for Typ and is not production tested. Vcc DC = 100mA (Typ)
6. Port "A" may be either left or right port. Port "B" is opposite from port "A".
7. Not available in DIP packages.
8. Industrial temperature: for specific speeds, packages and powers contact your sales office.
7132X20(2)
7142X20(2)
Com'l Only
7132X25(7)
7142X25(7)
Com'l, Ind
& Military
7132X35
7142X35
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating Current
(Both Ports Active)
CEL
= CER = VIL,
Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
110
110
250
200
110
110
220
170
80
80
165
120
mA
MIL &
IND
SA
LA
____
____
____
____
110
110
280
220
80
80
230
170
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH,
f = fMAX(3)
COM'L
SA
LA
30
30
65
45
30
30
65
45
25
25
65
45
mA
MIL &
IND
SA
LA
____
____
____
____
30
30
80
60
25
25
80
60
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(6)
Active Port Outputs Disabled
f=fMAX(3)
COM'L
SA
LA
65
65
165
125
65
65
150
115
50
50
125
90
mA
MIL &
IND
SA
LA
____
____
____
____
65
65
160
125
50
50
150
115
ISB3
Full Standby Current (Both
Ports - All
CMOS Level Inputs)
CEL
and CER > VCC -0.2V
VIN > VCC -0.2V or VIN < 0.2V, f = 0(4)
COM'L
SA
LA
1.0
0.2
15
5
1.0
0.2
15
5
1.0
0.2
15
4
mA
MIL &
IND
SA
LA
____
____
____
____
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A"
< 0.2V andCE"B" > VCC -0.2V(6)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
60
60
155
115
60
60
145
105
45
45
110
85
mA
MIL &
IND
SA
LA
____
____
____
____
60
60
155
115
45
45
145
105
2692 tbl 04a
7132X55
7142X55
Com'l &
Military
7132X100
7142X100
Com'l &
Military
Symbol
Parameter
Test Condition
Version
Typ.
Max.
Typ.
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CEL
= CER = VIL,
Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
65
65
155
110
65
65
155
110
mA
MIL &
IND
SA
LA
65
65
190
140
65
65
190
140
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CEL
= CER = VIH,
f = fMAX(3)
COM'L
SA
LA
20
20
65
35
20
20
55
35
mA
MIL &
IND
SA
LA
20
20
65
45
20
20
65
45
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(6)
Active Port Outputs Disabled
f=fMAX(3)
COM'L
SA
LA
40
40
110
75
40
40
110
75
mA
MIL &
IND
SA
LA
40
40
125
90
40
40
125
90
ISB3
Full Standby Current
(Both Ports - All
CMOS Level Inputs)
CEL
and CER > VCC -0.2V
VIN > VCC -0.2V or VIN < 0.2V, f = 0(4)
COM'L
SA
LA
1.0
0.2
15
4
1.0
0.2
15
4
mA
MIL &
IND
SA
LA
1.0
0.2
30
10
1.0
0.2
30
10
ISB4
Full Standby Current
(One Port - All
CMOS Level Inputs)
CE"A"
< 0.2V and CE"B" > VCC -0.2V(6)
VIN > VCC - 0.2V or VIN < 0.2V
Active Port Outputs Disabled
f = fMAX(3)
COM'L
SA
LA
40
40
100
70
40
40
95
70
mA
MIL &
IND
SA
LA
40
40
110
85
40
40
110
80
2692 tbl 04b


Similar Part No. - IDT7142LA20C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7142LA20C IDT-IDT7142LA20C Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
IDT7142LA20CB IDT-IDT7142LA20CB Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7142LA20C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71321SA RENESAS-71321SA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT71V321S IDT-IDT71V321S_15 Datasheet
124Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
IDT71V321S IDT-IDT71V321S_18 Datasheet
142Kb / 15P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
logo
Renesas Technology Corp
71V321 RENESAS-71V321 Datasheet
431Kb / 16P
   HIGH SPEED 3.3V 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
JULY 2019
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com