Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5429FCT2052CTLB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 5429FCT2052CTLB
Description  FAST CMOS OCTAL REGISTERED TRANSCEIVERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5429FCT2052CTLB Datasheet(HTML) 7 Page - Integrated Device Technology

  5429FCT2052CTLB Datasheet HTML 1Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 2Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 3Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 4Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 5Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 6Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 7Page - Integrated Device Technology 5429FCT2052CTLB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IDT29FCT52AT/BT/CT/DT, IDT29FCT/2052AT/BT/CT, IDT29FCT53AT/BT/CT
FAST CMOS OCTAL REGISTERED TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.1
7
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
SWITCH POSITION
Pulse
Generator
R T
D.U.T.
V CC
VIN
C L
VOUT
50pF
500
500
7.0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
tSU
tH
tREM
tSU
tH
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
tW
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
tPLH
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
tPLH
tPHL
tPHL
VOL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH
PRESET
CLEAR
CLOCK ENABLE
ETC.
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
2629 lnk 12
2629 drw 03
2629 drw 04
2629 drw 05
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control Disable-
HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
2629 drw 07
2629 drw 06


Similar Part No. - 5429FCT2052CTLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5429FCT520ATD IDT-5429FCT520ATD Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATDB IDT-5429FCT520ATDB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATE IDT-5429FCT520ATE Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATEB IDT-5429FCT520ATEB Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
5429FCT520ATL IDT-5429FCT520ATL Datasheet
93Kb / 7P
   MULTILEVEL PIPELINE REGISTERS
More results

Similar Description - 5429FCT2052CTLB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com