Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7130SA35TF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7130SA35TF
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130SA35TF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7130SA35TF Datasheet HTML 4Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 5Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 6Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 7Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 8Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 9Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 10Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 11Page - Integrated Device Technology IDT7130SA35TF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
8
TIMING WAVEFORM OF WRITE CYCLE NO. 2, (
CE
CE
CE
CE
CE CONTROLLED TIMING)(1,5)
NOTES:
1. R/
W or CE must be High during all address transitions.
2. A write occurs during the overlap (tEW or tWP) of
CE = VIL and R/W = VIL.
3. tWR is measured from the earlier of
CE or R/W going High to the end of the write cycle.
4. During this period, the l/O pins are in the output state and input signals must not be applied.
5. If the
CE Low transition occurs simultaneously with or after the R/W Low transition, the outputs remain in the High-impedance state.
6. Timing depends on which enable signal (
CE or R/W) is asserted last.
7. This parameter is determined be device characterization, but is not production tested. Transition is measured +/- 500mV from steady state
with the Output Test Load (Figure 2).
8. If
OE is low during a R/W controlled write cycle, the write pulse width must be the larger of tWP or (tWZ + tDW) to allow the I/O drivers to turn off
and data to be placed on the bus for the required tDW. If
OE is High during a R/W controlled write cycle, this requirement does not apply and
the write pulse can be as short as the specified tWP.
TIMING WAVEFORM OF WRITE CYCLE NO. 1, (R/
W
W
W
W
W CONTROLLED TIMING)(1,5,8)
tWC
ADDRESS
OE
CE
R/
W
DATA OUT
DATA IN
tAS
tOW
tDW
tDH
tAW
tWP(2)
tHZ
(4)
(4)
tWZ
tHZ
2689 drw 10
(6)
(7)
(7)
(3)
(7)
tWR
tWC
ADDRESS
CE
R/
W
DATA IN
tAS
tEW
tWR
tDW
tDH
tAW
2689 drw 11
(6)
(2)
(3)


Similar Part No. - IDT7130SA35TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130SA35TFG IDT-IDT7130SA35TFG Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA35TFGB IDT-IDT7130SA35TFGB Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA35TFGI IDT-IDT7130SA35TFGI Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7130SA35TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com