Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162H272ETPFB Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT162H272ETPFB
Description  FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162H272ETPFB Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT162H272ETPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162H272ETPFB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5.5
7
IDT54/74FCT162H272AT/CT/ET
FAST CMOS 12-BIT SYNCHRONOUS TRI-PORT BUS EXCHANGER
MILITARY AND COMMERCIAL TEMPERATURES RANGES
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
PROPAGATION DELAY
3071 lnk 04
3071 lnk 05
3071 lnk 06
3071 lnk 07
SWITCH POSITION
NOTES:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH
2. Pulse Generator for All Pulses: Rate
≤ 1.0MHz; tF ≤ 2.5ns; tR ≤ 2.5ns
3071 drw 08
Test
Switch
Disable Low
Enable Low
Closed
All Other Tests
Open
Open Drain
DEFINITIONS:
CL=
Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
3032 tbl 11
ENABLE AND DISABLE TIMES
Pulse
Generator
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
PRESET
CLEAR
CLOCK ENABLE
ETC.
SYNCHRONOUS CONTROL
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
t SU
t H
t REM
H
t SU
t
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
t W
1.5V
1.5V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
VOL
t PLH
t PHL
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
3V
1.5V
0V
t PLH
t PHL
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
VOL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
VOH


Similar Part No. - IDT74FCT162H272ETPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162H244AT IDT-IDT74FCT162H244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATE IDT-IDT74FCT162H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATEB IDT-IDT74FCT162H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPA IDT-IDT74FCT162H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPAB IDT-IDT74FCT162H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT162H272ETPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16260AT IDT-IDT74FCT16260AT Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
logo
Pericom Semiconductor C...
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
   12-Bit To 24-Bit Registered Bus Exchanger
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com