Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP2500C0805BT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BP2500C0805BT
Description  Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.55 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BP2500C0805BT Datasheet(HTML) 1 Page - Frontier Electronics.

  BP2500C0805BT Datasheet HTML 1Page - Frontier Electronics. BP2500C0805BT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP2500C0805BT BAND PASS FILTER SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.55 mm, RoHS compliant.
2.
Provide low insertion loss and high rejection rate.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
P/N BP2500C0805BT
Specification
Frequency range
2400 - 2500 MHz
Insertion Loss (max)
2.5 dB max
VSWR
2.0 max
Impedance
50 Ω
Attenuation (min.)
35 dB @ 824-960 MHz
38 dB @ 1710-1910 MHz
25 dB @ 4880-5000 MHz
20 dB @ 7200-7500 MHz
Operating temperature range
-40°C to +85°C
Symbol
Dimension
(mm)
L
2.0 ± 0.2
W
1.2 ± 0.2
T
0.55 ± 0.10
A
0.4 ± 0.2
B
0.4 ± 0.2
C
0.4 ± 0.2
D
0.2 ± 0.1
PIN
Definition
PIN
Definition
P1
GND
P4
GND
P2
INPUT
P5
OUTPUT
P3
GND
P6
GND
P1
P3
P4
P2
P5
P6
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - BP2500C0805BT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP2500C0805AT FRONTIER-BP2500C0805AT Datasheet
166Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP2500C0805CT FRONTIER-BP2500C0805CT Datasheet
144Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
BP2500C0805DT FRONTIER-BP2500C0805DT Datasheet
144Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
More results

Similar Description - BP2500C0805BT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP2500A1008ET FRONTIER-BP2500A1008ET Datasheet
159Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500B0805AT FRONTIER-BP2500B0805AT Datasheet
160Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BP2500B0805DT FRONTIER-BP2500B0805DT Datasheet
203Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BP2500B0805GT FRONTIER-BP2500B0805GT Datasheet
192Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP2500C0805AT FRONTIER-BP2500C0805AT Datasheet
166Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.6 mm, RoHS compliant.
BP2500D0805GT FRONTIER-BP2500D0805GT Datasheet
154Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.45 mm, RoHS compliant.
BP2500C0805CT FRONTIER-BP2500C0805CT Datasheet
144Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
BP2500D0805ET FRONTIER-BP2500D0805ET Datasheet
214Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
BP5900B0805CT FRONTIER-BP5900B0805CT Datasheet
297Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
BP2500B0805BT FRONTIER-BP2500B0805BT Datasheet
201Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.9 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com