Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT573 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT573
Description  FAST CMOS OCTAL TRANSPARENT LATCHES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT573 Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT573 Datasheet HTML 1Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 2Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 3Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 4Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 5Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 6Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 7Page - Integrated Device Technology IDT54FCT573 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7.12
7
IDT54/74FCT373/533/573/A/C
FAST CMOS OCTAL TRANSPARENT LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
TEST CIRCUITS FOR ALL OUTPUTS
ENABLE AND DISABLE TIMES
PROPAGATION DELAY
SET-UP, HOLD AND RELEASE TIMES
PULSE WIDTH
Pulse
Generator
DATA
INPUT
TIMING
INPUT
ASYNCHRONOUS CONTROL
PRESET
CLEAR
ETC.
SYNCHRONOUS CONTROL
PRESET
CLEAR
CLOCK ENABLE
ETC.
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
3V
1.5V
0V
t SU
t H
t REM
H
t SU
R T
D.U.T.
VCC
VIN
C L
V OUT
50pF
500
500
7.0V
SAME PHASE
INPUT TRANSITION
3V
1.5V
0V
1.5V
VOH
VOL
tPLH
t PHL
OUTPUT
OPPOSITE PHASE
INPUT TRANSITION
CONTROL
INPUT
3V
1.5V
0V
3.5V
0V
OUTPUT
NORMALLY
LOW
OUTPUT
NORMALLY
HIGH
SWITCH
CLOSED
SWITCH
OPEN
V OL
V OH
3V
1.5V
0V
t PLH
tPHL
0.3V
0.3V
tPLZ
tPZL
tPZH
tPHZ
3.5V
0V
1.5V
1.5V
ENABLE
DISABLE
HIGH-LOW-HIGH
PULSE
LOW-HIGH-LOW
PULSE
t W
1.5V
1.5V
t
NOTES
2537 drw 04
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
2. Pulse Generator for All Pulses: Rate
≤ 1.0 MHz; ZO ≤ 50Ω; tF ≤ 2.5ns;
tR
≤ 2.5ns.
SWITCH POSITION
Test
Switch
Open Drain
Disable Low
Closed
Enable Low
All Other Tests
Open
DEFINITIONS:
2537 tbl 10
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.


Similar Part No. - IDT54FCT573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573AT IDT-IDT54FCT573AT Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
IDT54FCT573ATD IDT-IDT54FCT573ATD Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573ATDB IDT-IDT54FCT573ATDB Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
More results

Similar Description - IDT54FCT573

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT373T IDT-IDT74FCT373T Datasheet
182Kb / 8P
   FAST CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T Datasheet
160Kb / 8P
   Fast CMOS Octal Transparent Latches
logo
Integrated Device Techn...
IDT74FCT3573 IDT-IDT74FCT3573 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL TRANSPARENT LATCHES
logo
Pericom Semiconductor C...
PI74FCT373T PERICOM-PI74FCT373T_07 Datasheet
581Kb / 10P
   Octal Transparent Latches
PI74FCT162373 PERICOM-PI74FCT162373 Datasheet
67Kb / 7P
   Fast CMOS 16-Bit Transparent Latches
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT16373T IDT-IDT74FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT74FCT373A IDT-IDT74FCT373A Datasheet
74Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT74FCT2373AT IDT-IDT74FCT2373AT Datasheet
78Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
IDT54FCT573 IDT-IDT54FCT573 Datasheet
76Kb / 7P
   FAST CMOS OCTAL TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com