Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT16H245ATPV Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT54FCT16H245ATPV
Description  FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16H245ATPV Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT54FCT16H245ATPV Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 9Page - Integrated Device Technology IDT54FCT16H245ATPV Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
5.3
10
IDT54/74FCT16245T/AT/CT/ET, 162245T/AT/CT/ET, IDT54/74FCT166245T/AT/CT, IDT54/74FCT162H245T/AT/CT/ET
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
2545 drw 10
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
Blank
B
PV
PA
PF
E
245T
245AT
245CT
245ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO48-1)
Thin Shrink Small Outline Package (SO48-2)
Thin Very Small Outline Package (SO48-3)
CERPACK (E48-1)
Non-Inverting 16-Bit Bidirectional Transceiver
54
74
–55
°C to +125°C
–40
°C to +85°C
FCT
Blank
H
Standard
Bus Hold
16
162
166
16-Bit High Drive
16-Bit Balanced Drive
16-Bit Light Drive
X
Drive
X
Bus Hold


Similar Part No. - IDT54FCT16H245ATPV

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16H244ATE IDT-IDT54FCT16H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATEB IDT-IDT54FCT16H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPA IDT-IDT54FCT16H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPAB IDT-IDT54FCT16H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT16H244ATPF IDT-IDT54FCT16H244ATPF Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT16H245ATPV

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162245 PERICOM-PI74FCT162245 Datasheet
209Kb / 6P
   Fast CMOS 16-Bit Bidirectional Transceivers
PI74FCT162Q245T PERICOM-PI74FCT162Q245T Datasheet
62Kb / 6P
   Fast, Low Noise CMOS 16-Bit Bidirectional Transceivers
logo
Integrated Device Techn...
IDT74FCT163245 IDT-IDT74FCT163245 Datasheet
123Kb / 7P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162H245AT RENESAS-IDT74FCT162H245AT Datasheet
269Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT16245TPV IDT-74FCT16245TPV Datasheet
90Kb / 7P
   FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com