Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1800 Datasheet(PDF) 5 Page - NEC

Part # UPA1800
Description  N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1800 Datasheet(HTML) 5 Page - NEC

  UPA1800 Datasheet HTML 1Page - NEC UPA1800 Datasheet HTML 2Page - NEC UPA1800 Datasheet HTML 3Page - NEC UPA1800 Datasheet HTML 4Page - NEC UPA1800 Datasheet HTML 5Page - NEC UPA1800 Datasheet HTML 6Page - NEC UPA1800 Datasheet HTML 7Page - NEC UPA1800 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D11407EJ1V0DS00
5
µµµµPA1800
0.01
0.1
1
10
ID - Drain Current - A
1000
100
10
1
SWITCHING CHARACTERISTICS
VDD = 15 V
VGS(on) = 10 V
RG = 10
td(off)
td(on)
tf
tr
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
VF(S-D) - Source to Drain Voltage - V
VGS = 0 V
QG - Gate Charge - nC
0
4
8
12
16
20
24
DYNAMIC INPUT CHARACTERISTICS
0
2
4
6
8
10
12
VDD = 18 V
VDD = 12 V
VDD = 24 V
ID = 5.0 A
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.1
1
1000
100
0.01
0.001
0.1
110
1000
100
Mounted on ceramic
substrate of 50 cm
2 x 1.1 mm
Single Pulse
62.5˚C/W


Similar Part No. - UPA1800

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1800 RENESAS-UPA1800 Datasheet
227Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
UPA1800GR-9JG RENESAS-UPA1800GR-9JG Datasheet
227Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Similar Description - UPA1800

ManufacturerPart #DatasheetDescription
logo
NEC
UPA2451 NEC-UPA2451 Datasheet
108Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1870 NEC-UPA1870 Datasheet
82Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA2450 NEC-UPA2450 Datasheet
75Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA620TT NEC-UPA620TT Datasheet
67Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA677TB NEC-UPA677TB Datasheet
58Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1806 NEC-UPA1806 Datasheet
64Kb / 6P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1874B NEC-UPA1874B Datasheet
145Kb / 7P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1900 RENESAS-PA1900_15 Datasheet
197Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3576 RENESAS-2SK3576_15 Datasheet
202Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SK3664 RENESAS-2SK3664_15 Datasheet
273Kb / 8P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1857 RENESAS-PA1857_15 Datasheet
209Kb / 10P
   N-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com