Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72245LB20TF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72245LB20TF
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72245LB20TF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72245LB20TF Datasheet HTML 4Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 5Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 6Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 7Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 8Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 9Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 10Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 11Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
After half of the memory is filled, and at the LOW-to-HIGH
transition of the next write cycle, the Half-Full Flag goes LOW
and will remain set until the difference between the write
pointer and read pointer is less than or equal to one half of the
total memory of the device. The Half-Full Flag (
HF) is then
reset to HIGH by the LOW-to-HIGH transition of the read clock
(RCLK). The
HF is asynchronous.
In the Daisy Chain Depth Expansion mode,
WXI is connected
to
WXOof the previous device. This output acts as a signal to the
next device in the Daisy Chain by providing a pulse when the
previous device writes to the last location of memory.
READ EXPANSION OUT (
RXO
RXO
RXO
RXO
RXO)
In the Daisy Chain Depth Expansion configuration, Read
Expansion In (
RXI) is connected to Read Expansion Out (RXO)
of the previous device. This output acts as a signal to the next
device in the Daisy Chain by providing a pulse when the
previous device reads from the last location of memory.
DATA OUTPUTS (Q0-Q17)
Q0-Q17 are data outputs for 18-bit wide data.
,
,
,
,
,
t
t
t
t
RSF
RSF
RS
RSR
Q0 - Q17
t RSF
= 0
= 1
(1)
2766 drw 06
tRSS
NOTES:
1. After reset, the outputs will be LOW if
OE = 0 and tri-state if OE = 1.
2. The clocks (RCLK, WCLK) can be free-running during reset.
Figure 4. Reset Timing(2)


Similar Part No. - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72245LB IDT-IDT72245LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72245LB RENESAS-IDT72245LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com