Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72245LB20TF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72245LB20TF
Description  CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72245LB20TF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72245LB20TF Datasheet HTML 1Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 2Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 3Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 4Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 5Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 6Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 7Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 8Page - Integrated Device Technology IDT72245LB20TF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFO™
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
Commercial And Industrial Temperature Ranges
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
Com'l/Ind'l
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.0
V
Com'l/Ind'l
VIL
(1)
Input Low Voltage
0.8
V
Com'l/Ind'l
TA
Operating Temperature
0—
70
°C
Commercial
TA
Operating Temperature
–40
85
°C
Industrial
NOTE:
2766 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTES:
2766 tbl 05
1. With output deselected, (
OE ≥ VIH).
2. Characterized values, not currently tested.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2766 tbl 06
NOTE:
2766 tbl 03
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72205LB
IDT72215LB
IDT72225LB
IDT72235LB
IDT72245LB
Commercial and Industrial
(1)
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
Input Leakage Current (any input)
–1
1
µA
ILO(3)
Output Leakage Current
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
60
mA
ICC2(4,7)
Standby Current
5
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C )
NOTES:
1. Industrial temperature range product for the 15ns and the 25 ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE ≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHZ and data inputs switch at 10 MHz.
6. For the 72205/72215/72225 the typical ICC1 = 1.81 + 1.12*fS + 0.02*CL*fS (in mA);
for the 72235/72245 the typical ICC1 = 2.85 + 1.30*fS + 0.02*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
2766 tbl 04


Similar Part No. - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72245LB IDT-IDT72245LB Datasheet
338Kb / 16P
   CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72245LB RENESAS-IDT72245LB Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - IDT72245LB20TF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com