Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP2500A1008HT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BP2500A1008HT
Description  Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.0 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BP2500A1008HT Datasheet(HTML) 1 Page - Frontier Electronics.

  BP2500A1008HT Datasheet HTML 1Page - Frontier Electronics. BP2500A1008HT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP2500A1008HT BAND PASS FILTER SPECIFICATION
Rev. A
PRODUCT FEATURES
1.
Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.0 mm, RoHS compliant.
2.
Provide low insertion loss and high rejection rate.
3.
Highly stable under temperature and humidity changes.
RF CHARACTERISTICS
PHYSICAL DIMENSIONS
TERMINAL CONFIGURATION
PCB DESIGN/LAYOUT CONSIDERATION
P/N BP2500A1008HT
Specification
Frequency range
2400 - 2500 MHz
Insertion Loss (max)
1.4 dB at +25°C
VSWR
2.0 max
Impedance
50 Ω
Attenuation (min.)
35dB @ 1900 MHz
35dB @ 4800 MHz
Operating temperature range
-40°C to +85°C
Symbol
Dimension
(mm)
L
2.50 ± 0.20
W
2.00 ± 0.20
T
1.00 ± 0.10
A, E
0.20 ± 0.20
B
0.55 ± 0.20
C
0.50 ± 0.20
D
0.25 ± 0.20
PIN
Definition
P1
Input/Output
P2
GND
P3
Output/Input
P4
GND
Note:
- Design trace width to be 50
Ω impedance.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - BP2500A1008HT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP2500A1008AT FRONTIER-BP2500A1008AT Datasheet
157Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.7 mm, RoHS compliant.
BP2500A1008BT FRONTIER-BP2500A1008BT Datasheet
148Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.7 mm, RoHS compliant.
BP2500A1008CT FRONTIER-BP2500A1008CT Datasheet
194Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500A1008DT FRONTIER-BP2500A1008DT Datasheet
175Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500A1008ET FRONTIER-BP2500A1008ET Datasheet
159Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
More results

Similar Description - BP2500A1008HT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP2500A1008GT FRONTIER-BP2500A1008GT Datasheet
155Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.0 mm, RoHS compliant.
BP2500A1008AT FRONTIER-BP2500A1008AT Datasheet
157Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.7 mm, RoHS compliant.
BP0862A1008AT FRONTIER-BP0862A1008AT Datasheet
145Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.8 mm, RoHS compliant.
BP2500A1008ET FRONTIER-BP2500A1008ET Datasheet
159Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500A1008FT FRONTIER-BP2500A1008FT Datasheet
149Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500A1008CT FRONTIER-BP2500A1008CT Datasheet
194Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500A1008BT FRONTIER-BP2500A1008BT Datasheet
148Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 0.7 mm, RoHS compliant.
BP2500A1008DT FRONTIER-BP2500A1008DT Datasheet
175Kb / 2P
   Surface mount band pass filter with a small size of 2.5 X 2.0 X 1.2 mm, RoHS compliant.
BP2500B0402AT FRONTIER-BP2500B0402AT Datasheet
140Kb / 2P
   Surface mount band pass filter with a small size of 1.0 X 0.5 X 0.4 mm, RoHS compliant.
BP2500C0805DT FRONTIER-BP2500C0805DT Datasheet
144Kb / 2P
   Surface mount band pass filter with a small size of 2.0 X 1.2 X 0.8 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com