Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1188 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SB1188
Description  Low VCE(sat).
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SB1188 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SB1188 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SB1188 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
2SB1188 Typical Characteristics
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SB1188

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1188 ROHM-2SB1188 Datasheet
93Kb / 4P
   Medium power Transistor(-32V, -2A)
logo
Shenzhen Jin Yu Semicon...
2SB1188 HTSEMI-2SB1188 Datasheet
327Kb / 2P
   TRANSISTOR(PNP)
logo
Nanjing International G...
2SB1188 DGNJDZ-2SB1188 Datasheet
483Kb / 4P
   Medium power transistor(-32V,-2A)
logo
Rohm
2SB1188 ROHM-2SB1188 Datasheet
538Kb / 11P
   MEDIUM POWER TRANSISTOR(-32V, -2A)
logo
WILLAS ELECTRONIC CORP
2SB1188 WILLAS-2SB1188 Datasheet
531Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
More results

Similar Description - 2SB1188

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD2098 KEXIN-2SD2098 Datasheet
37Kb / 1P
   Low VCE(sat) Transistor
logo
Nanjing International G...
2SD2098 DGNJDZ-2SD2098 Datasheet
451Kb / 3P
   Low VCE(sat) Transistor
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
   Low VCE(sat) Transistor
T3036 KEXIN-T3036 Datasheet
42Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SD2098 BILIN-2SD2098 Datasheet
168Kb / 3P
   Low VCE(sat) Transistor
logo
Unisonic Technologies
2SB1424 UTC-2SB1424 Datasheet
150Kb / 2P
   LOW VCE(SAT) TRANSISTOR
logo
Guangdong Kexin Industr...
2SD2118 KEXIN-2SD2118 Datasheet
40Kb / 1P
   Low VCE(sat) Transistor
logo
Galaxy Semi-Conductor H...
2SB1424 BILIN-2SB1424 Datasheet
187Kb / 4P
   Low VCE(sat) Transistor
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
TSD965L TSC-TSD965L Datasheet
83Kb / 4P
   Low Vce(sat) NPN Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com