Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162823BT Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT54FCT162823BT
Description  FAST CMOS 18-BIT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162823BT Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT54FCT162823BT Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 8Page - Integrated Device Technology IDT54FCT162823BT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT16823AT/BT/CT/ET, 162823AT/BT/CT/ET
FAST CMOS 18-BIT REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.16
9
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
54
74
–55
°C to +125°C
–40
°C to +85°C
Blank
B
PV
PA
PF
E
16823AT
16823BT
16823CT
16823ET
162823AT
162823BT
162823CT
162823ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
Non-Inverting 18-Bit Register
FCT
2772 drw 10


Similar Part No. - IDT54FCT162823BT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162827AT IDT-IDT54FCT162827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT162827ATE IDT-IDT54FCT162827ATE Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT162827ATEB IDT-IDT54FCT162827ATEB Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT162827ATPA IDT-IDT54FCT162827ATPA Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT162827ATPAB IDT-IDT54FCT162827ATPAB Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
More results

Similar Description - IDT54FCT162823BT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com