Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72835LB10PFI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT72835LB10PFI
Description  CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72835LB10PFI Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72835LB10PFI Datasheet HTML 1Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 2Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72835LB10PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEBRUARY 2003
CMOS DUAL SyncFIFO™
DUAL 256 x 18, DUAL 512 x 18,
DUAL 1,024 x 18, DUAL 2,048 x 18
and DUAL 4,096 x 18
IDT72805LB
IDT72815LB
IDT72825LB
IDT72835LB
IDT72845LB
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
IDT and the IDT logo are registered trademarks. The SyncFIFO is a trademark of Integrated Device Technology, Inc.
2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3139/4
FEATURES:
••••• The IDT72805LB is equivalent to two IDT72205LB 256 x 18 FIFOs
••••• The IDT72815LB is equivalent to two IDT72215LB 512 x 18 FIFOs
••••• The IDT72825LB is equivalent to two IDT72225LB 1,024 x 18 FIFOs
••••• The IDT72835LB is equivalent to two IDT72235LB 2,048 x 18 FIFOs
••••• The IDT72845LB is equivalent to two IDT72245LB 4,096 x 18 FIFOs
••••• Offers optimal combination of large capacity (8K), high speed,
design flexibility, and small footprint
••••• Ideal for the following applications:
-
Network switching
-
Two level prioritization of parallel data
-
Bidirectional data transfer
-
Bus-matching between 18-bit and 36-bit data paths
-
Width expansion to 36-bit per package
-
Depth expansion to 8,192 words per package
••••• 10ns read/write cycle time, 6.5ns access time
••••• IDT Standard or First Word Fall Through timing
FUNCTIONAL BLOCK DIAGRAM
••••• Single or double register-buffered Empty and Full Flags
••••• Easily expandable in depth and width
••••• Asynchronous or coincident Read and Write clocks
••••• Asynchronous or synchronous programmable Almost-Empty
and Almost-Full flags with default settings
••••• Half-Full flag capability
••••• Output Enable puts output data bus in high-impedance state
••••• High-performance submicron CMOS technology
••••• Available in the 128-pin Thin Quad Flatpack (TQFP). Also
available for the IDT72805LB/72815LB/72825LB, in the 121-lead,
16 x 16 mm plastic Ball Grid Array (PBGA)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
DESCRIPTION:
The IDT72805LB/72815LB/72825LB/72835LB/72845LB are dual 18-bit-wide
synchronous(clocked)First-in,First-out(FIFO)memories.OnedualIDT72805LB/
72815LB/72825LB/72835LB/72845LB device is functionally equivalent to two
INPUT
REGISTER
OUTPUT
REGISTER
OFFSET
REGISTER
FLAG
LOGIC
FFA/IRA
PAFA
EFA/
ORA
PAEA
HFA/(WXOA)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENA
DA0-DA17
LDA
RSA
(
HFA)/WXOA
WXIA
RENA
RCLKA
OEA QA0-QA17
RXOA
RXIA
FLA
WCLKA
INPUT
REGISTER
OUTPUT
REGISTER
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18
OFFSET
REGISTER
FLAG
LOGIC
FFB/IRB
PAFB
EFB/ORB
PAEB
HFB/(WXOB)
READ
POINTER
READ
CONTROL
LOGIC
WRITE
CONTROL
LOGIC
WRITE
POINTER
EXPANSION
LOGIC
RESET
LOGIC
WENB
DB0-DB17
LDB
RSB
(
HFB)/WXOB
WXIB
RENB
RCLKB
OEB
QB0-QB17
RXOB
RXIB
FLB
WCLKB
3139 drw 01
RAM
ARRAY
256 x 18
512 x 18
1,024 x 18
2,048 x 18
4,096 x 18


Similar Part No. - IDT72835LB10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7283 IDT-IDT7283 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7283 IDT-IDT7283 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT7283 RENESAS-IDT7283 Datasheet
114Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72831 IDT-IDT72831 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72831 IDT-IDT72831 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
More results

Similar Description - IDT72835LB10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Renesas Technology Corp
IDT72V801 RENESAS-IDT72V801 Datasheet
327Kb / 17P
   3.3 VOLT DUAL CMOS SyncFIFO™ DUAL 256 X 9, DUAL 512 X 9, DUAL 1,024 X 9, DUAL 2,048 X 9, DUAL 4,096 X 9 , DUAL 8,192 X 9
MARCH 2018
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com