Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT3244 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT3244
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT3244 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT3244 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT3244 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT3244 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT3244 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT3244 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT3244 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated Device Technology, Inc.
DESCRIPTION:
The FCT3244/A octal buffer/line drivers are built using
advanced dual metal CMOS technology. These high-speed,
low-power buffers are designed to be used as memory data
and address drivers, clock drivers, and bus-oriented transmit-
ter/receivers. The three-state controls are designed to oper-
ate these devices in a dual-nibble or single-byte mode. All
inputs are designed with hysteresis for improved noise mar-
gin.
IDT54/74FCT3244/A
3.3V CMOS OCTAL
BUFFER/LINE DRIVER
1
Y1
1
Y2
1
Y3
1
Y4
1
A1
1
A2
1
A3
1
A4
2
OE
2
A1
2
A2
2
A3
2
A4
2
Y1
2
Y2
2
Y3
2
Y4
2779 drw 01
1
OE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
1
2779 drw 02
FEATURES:
• 0.5 MICRON CMOS Technology
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• 25 mil Center SSOP and QSOP Packages
• Extended commercial range of -40
°C to +85°C
•VCC = 3.3V
±0.3V, Normal Range or
VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
µW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Military product compliant to MIL-STD-883, Class B
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DECEMBER 1995
©1996 Integrated Device Technology, Inc.
8.11
DSC-2779/4
PIN CONFIGURATIONS
FUNCTIONAL BLOCK DIAGRAM
5
6
7
8
9
10
1
2
3
4
20
19
18
17
16
15
14
13
12
11
GND
A 1
Y 4
A2
1
OE
Y3
A3
Y2
A 4
Y 1
1
Y
2
A
1
Y
2
A
1
Y
2
A
1
Y
2
A
Vcc
1
2
OE
4
2
3
3
2
4
1
P20-1
D20-1
SO20-2
SO20-7
&
SO20-8
1
2
1
2
1
2
1
2
DIP/SOIC/SSOP/QSOP
TOP VIEW


Similar Part No. - IDT74FCT3244

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3245 IDT-IDT74FCT3245 Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Renesas Technology Corp
IDT74FCT3245 RENESAS-IDT74FCT3245 Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT3245A IDT-IDT74FCT3245A Datasheet
114Kb / 6P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Renesas Technology Corp
IDT74FCT3245A RENESAS-IDT74FCT3245A Datasheet
211Kb / 7P
   3.3V CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
MAY 2018
More results

Similar Description - IDT74FCT3244

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3244 RENESAS-74FCT3244 Datasheet
166Kb / 7P
   3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com