Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT139TQ Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT139TQ
Description  FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT139TQ Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT139TQ Datasheet HTML 1Page - Integrated Device Technology IDT54FCT139TQ Datasheet HTML 2Page - Integrated Device Technology IDT54FCT139TQ Datasheet HTML 3Page - Integrated Device Technology IDT54FCT139TQ Datasheet HTML 4Page - Integrated Device Technology IDT54FCT139TQ Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
6.4
2
MILITARY AND COMMERCIAL TEMPERATURE RANGES
IDT54/74FCT139T/AT/CT
FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
NOTES:
2566 tbl 05
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = –55°C.
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI
= 2.7V
±1
µA
II L
Input LOW Current(4)
VCC = Max.
VI
= 0.5V
±1
µA
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.(3), VO = GND
–60
–120
–225
mA
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 32mA MIL.
IOL = 48mA COM'L.
0.3
0.5
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max.
VIN = GND or VCC
0.01
1
mA
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
2566 lnk 04
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
PIN DESCRIPTION
2566 tbl 01
ABSOLUTE MAXIMUM RATINGS
(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
2566 lnk 03
FUNCTION TABLE
(1)
NOTE:
2566 tbl 02
1. H = HIGH Voltage Level; L = LOW Voltage Level; X = Don’t Care
Pin Names
Description
A0, A1
Address Inputs
E
Enable Input (Active LOW)
O0 - O3
Outputs (Active LOW)
Inputs
Outputs
EE
A0
A1
O
O0
O
O1
O
O2
O
O3
HX
X
H
H
H
H
LLL
L
H
H
H
LH
L
H
L
H
H
LL
H
H
H
L
H
LH
H
H
H
H
L


Similar Part No. - IDT54FCT139TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT139 IDT-IDT54FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT54FCT139A IDT-IDT54FCT139A Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT54FCT139AD IDT-IDT54FCT139AD Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT54FCT139ADB IDT-IDT54FCT139ADB Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT54FCT139AE IDT-IDT54FCT139AE Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
More results

Similar Description - IDT54FCT139TQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT138 IDT-IDT74FCT138 Datasheet
65Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
ON Semiconductor
SN74LS155 ONSEMI-SN74LS155 Datasheet
135Kb / 4P
   DUAL 1-OF-4 DECODER
June, 2006 ??Rev. 7
logo
National Semiconductor ...
9321 NSC-9321 Datasheet
124Kb / 6P
   DUAL 1-OF-4 DECODER
93L21 NSC-93L21 Datasheet
74Kb / 3P
   DUAL 1-OF-4 DECODER
logo
Texas Instruments
CD4555BPWRG4 TI1-CD4555BPWRG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Binary to 1 of 4 Decoder/Demultiplexers
CD4555B TI-CD4555B Datasheet
267Kb / 13P
[Old version datasheet]   CMOS DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com