Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT2450A2008CT Datasheet(PDF) 3 Page - Frontier Electronics.

Part # AT2450A2008CT
Description  Surface mount ceramic antenna with a small size of 5.2 X 2.0 X 1.15 mm.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

AT2450A2008CT Datasheet(HTML) 3 Page - Frontier Electronics.

  AT2450A2008CT Datasheet HTML 1Page - Frontier Electronics. AT2450A2008CT Datasheet HTML 2Page - Frontier Electronics. AT2450A2008CT Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AT2450A2008CT ANTENNA SPECIFICATION
Rev. A
RADIATION PATTERNS
Vertical
Horizontal
Y - Z
Plane
Average
Gain=
1.01 dBi
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain = 3.12dBi
Average Gain = 0.29dBi
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain=-0.33dBi
Average Gain=-7.21dBi
X - Z
Plane
Average
Gain=
-1.737 dBi
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain= -2.91 dBi
Average Gain= -9.27dBi
X Cut
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain= 2.88 dBi
Average Gain= -2.58 dBi
X - Y
Plane
Average
Gain=
-2.799 dBi
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain= -1.73 dBi
Average Gain= -8.07 dBi
-40
-30
-20
-10
0
0
30
60
90
120
150
180
210
240
270
300
330
Peak Gain= 0.85 dBi
Average Gain= -4.33 dBi
The test board orientation is defined as:
x
Y
x
Y
Z
Y
Z
Y
Z
X
Z
X
Frontier Electronics Corp.
®
Page: 3 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - AT2450A2008CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
AT2450A2008AT FRONTIER-AT2450A2008AT Datasheet
428Kb / 3P
   Surface mount ceramic antenna with a small size of 5.2 X 2.0 X 1.15 mm.
More results

Similar Description - AT2450A2008CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
AT2450A2008AT FRONTIER-AT2450A2008AT Datasheet
428Kb / 3P
   Surface mount ceramic antenna with a small size of 5.2 X 2.0 X 1.15 mm.
AT2450G4716AT FRONTIER-AT2450G4716AT Datasheet
348Kb / 3P
   Surface mount ceramic antenna with a small size of 12.0 X 4.0 X 2.0 mm.
AT2450A1306AT FRONTIER-AT2450A1306AT Datasheet
1Mb / 3P
   Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450A1306BT FRONTIER-AT2450A1306BT Datasheet
1Mb / 3P
   Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450D4015AT FRONTIER-AT2450D4015AT Datasheet
613Kb / 3P
   Surface mount ceramic antenna with a small size of 9.9 X 3.7 X 3.8 mm.
AT2450A1306DT FRONTIER-AT2450A1306DT Datasheet
369Kb / 3P
   Surface mount ceramic antenna with a small size of 3.1 X 1.6 X 0.6 mm.
AT2450C3014AT FRONTIER-AT2450C3014AT Datasheet
495Kb / 2P
   Surface mount ceramic antenna with a small size of 7.6 X 3.5 X 1.1 mm.
AT2450A1306CT FRONTIER-AT2450A1306CT Datasheet
1Mb / 3P
   Surface mount ceramic antenna with a small size of 3.2 X 1.6 X 1.2 mm.
AT2450A3104AT FRONTIER-AT2450A3104AT Datasheet
315Kb / 3P
   Surface mount ceramic antenna with a small size of 8.0 X 1.0 X 0.8 mm.
AT2450E7512AT FRONTIER-AT2450E7512AT Datasheet
1Mb / 3P
   Surface mount ceramic antenna with a small size of 19 X 3 X 4 mm.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com