Electronic Components Datasheet Search |
|
T491A476M004A2 Datasheet(PDF) 2 Page - Kemet Corporation |
|
T491A476M004A2 Datasheet(HTML) 2 Page - Kemet Corporation |
2 / 24 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com T2005_T491 • 11/20/2014 22 Tantalum Surface Mount Capacitors – Standard Tantalum T491 Series Industrial Grade MnO2 SPICE Foradetailedanalysisofspecificpartnumbers,pleasevisitwww.kemet.comforafreedownloadofKEMET'sSPICEsoftware. The KEMET SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency, temperature, ripple, and DC bias conditions. Applications TypicalapplicationsincludedecouplingandfilteringinindustrialandautomotiveendapplicationssuchasDC/DCconverters,portable electronics, telecommunications, and control units. Ordering Information T 491 X 157 K 020 A T Capacitor Class Series Case Size Capacitance Code (pF) Capacitance Tolerance Voltage Failure Rate/ Design Lead Material Packaging (C-Spec) T = Tantalum Industrial A, B, C, D, E, S, T, U, V, W, X First two digits represent significant figures.Thirddigit specifiesnumber of zeros. K = ±10% M = ±20% 2R5 = 2.5 V 003 = 3 V 004 = 4 V 006 = 6.3 V 010 = 10 V 016 = 16 V 020 = 20 V 025 = 25 V 035 = 35 V 050 = 50 V A = N/A T = 100% Matte Tin (Sn) Plated* H = Standard Solder Coated (SnPb 5% Pb minimum) G = Gold Plated (A, B, C, D, X only) N = Non-Magnetic 100% Tin (Sn) M = Non-Magnetic (SnPb) Blank = 7" Reel 7280 = 13" Reel Performance Characteristics Item Performance Characteristics Operating Temperature -55°Cto125°C Rated Capacitance Range 0.1–1,000µF@120Hz/25°C Capacitance Tolerance K Tolerance (10%), M Tolerance (20%) Rated Voltage Range 2.5 – 50 V DF (120 Hz) RefertoPartNumberElectricalSpecificationTable ESR (100 kHz) RefertoPartNumberElectricalSpecificationTable Leakage Current ≤0.01CV(µA)atratedvoltageafter5minutes |
Similar Part No. - T491A476M004A2 |
|
Similar Description - T491A476M004A2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |