Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72210L20TC Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72210L20TC
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72210L20TC Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72210L20TC Datasheet HTML 2Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 3Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 4Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 5Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 6Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 7Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 8Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 9Page - Integrated Device Technology IDT72210L20TC Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5.12
6
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
When Read Enable (
REN) is HIGH, the output register
holds the previous data and no new data is allowed to be
loaded into the register.
When all the data has been read from the FIFO, the Empty
Flag (
EF) will go LOW, inhibiting further read operations. Once
a valid write operation has been accomplished, the Empty
Flag (
EF) will go HIGH after tREF and a valid read can begin.
Read Enable (
REN) is ignored when the FIFO is empty.
Output Enable (
OE
OE) — When Output Enable (OE) is enabled
(LOW), the parallel output buffers receive data from the output
register. When Output Enable (
OE) is disabled (HIGH), the
Q output data bus is in a high-impedance state.
OUTPUTS:
Full Flag (
FF
FF) — The Full Flag (FF) will go LOW, inhibiting
further write operation, when the device is full. If no reads are
performed after Reset (
RS), the Full Flag (FF) will go LOW
after 64 writes for the IDT72420, 256 writes for the IDT72200,
512 writes for the IDT72210, 1024 writes for the IDT72220,
2048 writes for the IDT72230, and 4096 writes for the IDT72240.
The Full Flag (
FF) is synchronized with respect to the LOW-
to-HIGH transition of the write clock (WCLK).
Empty Flag (
EF
EF) — The Empty Flag (EF) will go LOW,
inhibiting further read operations, when the read pointer is
equal to the write pointer, indicating the device is empty.
The Empty Flag (
EF) is synchronized with respect to the
LOW-to-HIGH transition of the read clock (RCLK).
Almost Full Flag (
AF
AF) — The Almost Full Flag (AF) will go
LOW when the FIFO reaches the Almost-Full condition. If no
reads are performed after Reset (
RS), the Almost Full Flag
(
AF) will go LOW after 57 writes for the IDT72420, 249 writes
for the IDT72200, 505 writes for the IDT72210, 1017 writes for
the IDT72220, 2041 writes for the IDT72230 and 4089 writes
for the IDT72240.
The Almost Full Flag (
AF) is synchronized with respect to
the LOW-to-HIGH transition of the write clock (WCLK).
Almost Empty Flag (
AE
AE) — The Almost Empty Flag (AE) will
go LOW when the FIFO reaches the Almost-Empty condition.
If no reads are performed after Reset (
RS), the Almost Empty
Flag (
AE) will go HIGH after 8 writes for the IDT72420,
IDT72200, IDT72210, IDT72220, IDT72230 and IDT72240.
The Almost Empty Flag (
AE) is synchronized with respect
to the LOW-to-HIGH transition of the read clock (RCLK).
Data Outputs (Q0–Q7) — Data outputs for a 8-bit wide data.
SIGNAL DESCRIPTIONS
INPUTS:
Data In (D0–D7) — Data inputs for 8-bit wide data.
CONTROLS:
Reset (
RS
RS) — Reset is accomplished whenever the Reset
(
RS) input is taken to a LOW state. During reset, both internal
read and write pointers are set to the first location. A reset is
required after power up before a write operation can take
place. The Full Flag (
FF) and Almost Full Flag (AF) will be reset
to HIGH after tRSF. The Empty Flag (
EF) and Almost Empty
Flag (
AE) will be reset to LOW after tRSF. During reset, the
output register is initialized to all zeros.
Write Clock (WCLK) — A write cycle is initiated on the LOW-
to-HIGH transition of the write clock (WCLK). Data set-up and
hold times must be met in respect to the LOW-to-HIGH
transition of the write clock (WCLK). The Full Flag (
FF) and
Almost Full Flag (
AF) are synchronized with respect to the
LOW-to-HIGH transition of the write clock (WCLK).
The write and read clocks can be asynchronous or coinci-
dent.
Write Enable (
WEN
WEN) — When Write Enable (WEN) is LOW,
data can be loaded into the input register and RAM array on
the LOW-to-HIGH transition of every write clock (WCLK).
Data is stored in the RAM array sequentially and indepen-
dently of any on-going read operation.
When Write Enable (
WEN) is HIGH, the input register holds
the previous data and no new data is allowed to be loaded into
the register.
To prevent data overflow, the Full Flag (
FF) will go LOW,
inhibiting further write operations. Upon the completion of a
valid read cycle, the Full Flag (
FF) will go HIGH after tWFF,
allowing a valid write to begin. Write Enable (
WEN) is ignored
when the FIFO is full.
Read Clock (RCLK) — Data can be read on the outputs on the
LOW-to-HIGH transition of the read clock (RCLK). The Empty
Flag (
EF) and Almost-Empty Flag (AE) are synchronized with
respect to the LOW-to-HIGH transition of the read clock
(RCLK).
The write and read clocks can be asynchronous or coinci-
dent.
Read Enable (
REN
REN) — When Read Enable (REN) is LOW,
data is read from the RAM array to the output register on the
LOW-to-HIGH transition of the read clock (RCLK).


Similar Part No. - IDT72210L20TC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72210L25TPG IDT-IDT72210L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72210L20TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com