Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16827AT Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74FCT16827AT
Description  FAST CMOS 20-BIT BUFFERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16827AT Datasheet(HTML) 8 Page - Integrated Device Technology

  IDT74FCT16827AT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16827AT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
5.17
8
IDT54/74FCT16827AT/BT/CT/ET, 162827AT/BT/CT/ET
FAST CMOS 20-BIT BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
IDT
XX
Temp. Range
XXXX
Device Type
X
Package
X
Process
54
74
–55
°C to +125°C
–40
°C to +85°C
Blank
B
PV
PA
PF
E
16827AT
16827BT
16827CT
16827ET
162827AT
162827BT
162827CT
162827ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
Non-Inverting 20-Bit Buffers
FCT
2773 drw 10


Similar Part No. - IDT74FCT16827AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16823AT IDT-IDT74FCT16823AT Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT74FCT16823ATE IDT-IDT74FCT16823ATE Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT74FCT16823ATEB IDT-IDT74FCT16823ATEB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT74FCT16823ATPA IDT-IDT74FCT16823ATPA Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
IDT74FCT16823ATPAB IDT-IDT74FCT16823ATPAB Datasheet
157Kb / 9P
   FAST CMOS 18-BIT REGISTER
More results

Similar Description - IDT74FCT16827AT

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT16827 PERICOM-PI74FCT16827 Datasheet
65Kb / 7P
   Fast CMOS 20-Bit Buffers
logo
Recom International Pow...
PI74LPT16827 RECOM-PI74LPT16827 Datasheet
49Kb / 5P
   Fast CMOS 3.3V 20-Bit Buffers
logo
Pericom Semiconductor C...
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
logo
Integrated Device Techn...
IDT74FCT827AT IDT-IDT74FCT827AT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
logo
Pericom Semiconductor C...
PI74LCX827 PERICOM-PI74LCX827 Datasheet
152Kb / 7P
   Fast CMOS 3.3V 10-Bit Buffers
logo
Renesas Technology Corp
IDT74FCT162827AT RENESAS-IDT74FCT162827AT Datasheet
235Kb / 8P
   FAST CMOS 20-BIT BUFFER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16841T PERICOM-PI74FCT16841T Datasheet
63Kb / 6P
   Fast CMOS 20-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74FCT16841AT IDT-IDT74FCT16841AT Datasheet
135Kb / 9P
   FAST CMOS 20-BIT TRANSPARENT LATCHES
IDT74FCT3827A IDT-IDT74FCT3827A Datasheet
102Kb / 7P
   3.3V CMOS 10-BIT BUFFERS
logo
Texas Instruments
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com