Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT164245TE Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74FCT164245TE
Description  FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT164245TE Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74FCT164245TE Datasheet HTML 1Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 2Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 3Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 4Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 5Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 6Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 7Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 8Page - Integrated Device Technology IDT74FCT164245TE Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
8.16
7
IDT54/74FCT164245T
FAST CMOS 16-BIT BIDIRECTIONAL 3.3V-TO-5V TRANSLATOR
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
2555 tbl 08
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not tested.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
A to B
CL = 50pF
RL = 500
1.5
5.0
ns
tPLH
tPHL
Propagation Delay
B to A
1.5
5.0
ns
tPZH
tPZL
Output Enable Time
x
OE to B
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
x
OE to B
1.5
6.0
ns
tPZH
tPZL
Output Enable Time
x
OE to A
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
x
OE to A
1.5
6.0
ns
tPZH
tPZL
Output Enable Time
xDIR to B(3)
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
xDIR to B(3)
1.5
6.0
ns
tPZH
tPZL
Output Enable Time
xDIR to A(3)
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
xDIR to A(3)
1.5
6.0
ns


Similar Part No. - IDT74FCT164245TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245T IDT-IDT74FCT164245T Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Integrated Device Techn...
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
More results

Similar Description - IDT74FCT164245TE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT164245TPVG IDT-IDT74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
IDT74FCT164245T IDT-IDT74FCT164245T_16 Datasheet
173Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
74FCT164245TPVG IDT-74FCT164245TPVG Datasheet
98Kb / 8P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
logo
Renesas Technology Corp
IDT74FCT164245T RENESAS-IDT74FCT164245T Datasheet
379Kb / 9P
   FAST CMOS 16-BIT BIDIRECTIONAL 3.3V TO 5V TRANSLATOR
MAY 2016
logo
Pericom Semiconductor C...
PI74LCX16245 PERICOM-PI74LCX16245 Datasheet
191Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245CAEX PERICOM-PI74LPT16245CAEX Datasheet
357Kb / 6P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74LPT16245 PERICOM-PI74LPT16245 Datasheet
58Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
PI74FCT163245 PERICOM-PI74FCT163245 Datasheet
57Kb / 5P
   Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
logo
Sanyo Semicon Device
LC74FCT164245 SANYO-LC74FCT164245 Datasheet
183Kb / 8P
   Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
logo
Renesas Technology Corp
IDT74FCT163245A RENESAS-IDT74FCT163245A Datasheet
268Kb / 8P
   3.3V CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com