Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162511ATPAB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT54FCT162511ATPAB
Description  FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162511ATPAB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT54FCT162511ATPAB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 8Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 9Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 10Page - Integrated Device Technology IDT54FCT162511ATPAB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IDT54/74FCT162511AT/CT
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.11
9
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (SET UP TIMES)
2916 tbl 11
SWITCHING CHARACTERISTICS OVER OPERATING RANGE (HOLD TIMES)
2916 tbl 12
FCT162511AT
FCT162511CT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tH
Hold Time HIGH or LOW Ax to LEAB, Bx to LEBA
CL = 50pF
1
1
1
1
ns
tH
Hold Time HIGH or LOW PAx to LEAB
RL = 500
1—
1
1—
1—
ns
tH
Hold Time HIGH or LOW PBx to LEBA
1
1
1
1
ns
tH
Hold Time Ax to CLKAB, PAx to CLKAB
1
1
0
0
ns
tH
Hold Time Bx to CLKBA, PBx to CLKBA
1
1
0
0
ns
tW
LEAB or LEBA Pulse Width HIGH(2)
3—
3
3—
3—
ns
tW
CLKAB or CLKBA Pulse Width HIGH or LOW(2)
3—
3
3—
3—
ns
NOTES:
1. See test circuits and waveforms.
2. This parameter is guaranteed but not tested.
3. "Not valid" means the set-up time indicated is not sufficient to assure proper functioning of this output; however, the set-up time indicated will assure
proper functioning of the A to B or B to A port respective to the indicated direction.
4. Skew between any two outputs of the same package, switching in the same direction, excluding
PERx in clocked mode, and Pxx (parity bits) and
PERx in transparent/latched mode. This parameter is guaranteed by design.
FCT162511AT
FCT162511CT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Test Conditions(1,3)
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Unit
tSU
Set-up Time
GEN/CHK LOW
PBx valid
CL = 50pF
4
4
3
3.5
ns
HIGH or LOW
PBx not valid
RL = 500
3—
3—
3—
3—
ns
Ax to CLKAB
GEN/CHK HIGH
PERB valid
4
4
3
3
ns
PERB not valid
3
3
3
3
ns
tSU
Set-up Time
GEN/CHK HIGH
PERB valid
4
4
3
3
ns
PAx to CLKAB
PERB not valid
3
3
3
3
ns
tSU
Set-up Time
PERA valid
4
4
3
3
ns
Bx to CLKBA,
PBx to CLKBA
PERA not valid
3
4
3
3
ns
tSU
Set-up Time
CLKAB LOW
PBx valid
3.5
3.5
3
3
ns
Ax to LEAB
GEN/CHK LOW
PBx not valid
3
3
3
3
ns
CLKAB LOW
PERB valid
3.5
3.5
3
3
ns
GEN/CHK HIGH
PERB not valid
3
3
3
3
ns
CLKAB HIGH
PBx valid
3.5
3.5
3
3
ns
GEN/CHK LOW
PBx not valid
3
3
3
3
ns
CLKAB HIGH
PERB valid
3.5
3.5
3
3
ns
GEN/CHK HIGH
PERB not valid
3
3
3
3
ns
tSU
Set-up Time
CLKAB LOW
PERB valid
3.5
3.5
3
3
ns
PAx to LEAB
GEN/CHK HIGH
PERB not valid
3
3
3
3
ns
CLKAB HIGH
PERB valid
3.5
3.5
3
3
ns
GEN/CHK HIGH
PERB not valid
3
3
3
3
ns
tSU
Set-up Time
CLKBA LOW
PERA valid
3.5
3.5
3
3
ns
Bx to LEBA
PERA not valid
3
3
3
3
ns
PBx to LEBA
CLKBA HIGH
PERA valid
3.5
3.5
3
3
ns
PERA not valid
3
3
3
3
ns
tSK(O)
Output Skew(4)
0.5
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT162511ATPAB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162500AT IDT-IDT54FCT162500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATE IDT-IDT54FCT162500ATE Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATEB IDT-IDT54FCT162500ATEB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATPA IDT-IDT54FCT162500ATPA Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT54FCT162500ATPAB IDT-IDT54FCT162500ATPAB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results

Similar Description - IDT54FCT162511ATPAB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
NXP Semiconductors
74ABT16899 PHILIPS-74ABT16899 Datasheet
105Kb / 16P
   18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Feb 25
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com