Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16543ET Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT16543ET
Description  FAST CMOS 16-BIT LATCHED TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16543ET Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT16543ET Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16543ET Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated Device Technology, Inc.
MILITARY AND COMMERCIAL TEMPERATURE RANGES
SEPTEMBER 1996
©1996 Integrated Device Technology, Inc.
5.12
DSC-2618/7
1
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST CMOS
16-BIT LATCHED
TRANSCEIVER
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
–VCC = 5V
±10%
• Features for FCT16543T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162543T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C
IDT54/74FCT16543T/AT/CT/ET
IDT54/74FCT162543T/AT/CT/ET
FUNCTIONAL BLOCK DIAGRAM
D
C
D
C
1
B1
1
OEBA
1
CEBA
1
LEBA
1
OEAB
1
CEAB
1
A1
1
LEAB
TO 7 OTHER CHANNELS
2618 drw 01
2
OEBA
2
CEBA
2
LEBA
D
C
2
OEAB
2
CEAB
2
A1
2
B1
2
LEAB
TO 7 OTHER CHANNELS
2618 drw 02
D
C
DESCRIPTION:
The FCT16543T/AT/CT/ET and FCT162543T/AT/CT/ET
16-bit latched transceivers are built using advanced dual metal
CMOS technology. These high-speed, low-power devices are
organized as two independent 8-bit D-type latched transceiv-
ers with separate input and output control to permit indepen-
dent control of data flow in either direction. For example, the A-
to-B Enable (x
CEAB) must be LOW in order to enter data from
the A port or to output data from the B port. x
LEAB controls the
latch function. When x
LEAB is LOW, the latches are transpar-
ent. A subsequent LOW-to-HIGH transition of x
LEAB signal
puts the A latches in the storage mode. x
OEAB performs output
enable function on the B port. Data flow from the B port to the
A port is similar but requires using x
CEBA, xLEBA, and xOEBA
inputs. Flow-through organization of signal pins simplifies
layout. All inputs are designed with hysteresis for improved
noise margin.
The FCT16543T/AT/CT/ET are ideally suited for driving
high-capacitance loads and low-impedance backplanes. The
output buffers are designed with power off disable capability to
allow "live insertion" of boards when used as backplane drivers.
The FCT162543T/AT/CT/ET have balanced output drive
with current limiting resistors. This offers low ground bounce,
minimal undershoot, and controlled output fall times–reducing
the need for external series terminating resistors.
The
FCT162543T/AT/CT/ET are plug-in replacements for the
FCT16543T/AT/CT/ET and 54/74ABT16543 for on-board bus
interface applications.


Similar Part No. - IDT74FCT16543ET

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543CT IDT-IDT74FCT16543CT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543CT RENESAS-IDT74FCT16543CT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
More results

Similar Description - IDT74FCT16543ET

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Integrated Device Techn...
IDT74FCT162511AT IDT-IDT74FCT162511AT Datasheet
204Kb / 11P
   FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74FCT16543T PERICOM-PI74FCT16543T Datasheet
74Kb / 7P
   Fast CMOS 16-Bit Latched Transceivers
PI74LPT16543 PERICOM-PI74LPT16543 Datasheet
57Kb / 5P
   Fast CMOS 16-Bit Latched Transceivers
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Texas Instruments
CY74FCT163543 TI-CY74FCT163543 Datasheet
64Kb / 7P
[Old version datasheet]   16-Bit Latched Transceiver
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com