Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162H272CTPF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT162H272CTPF
Description  FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162H272CTPF Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT162H272CTPF Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162H272CTPF Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.5
6
IDT54/74FCT162H272AT/CT/ET
FAST CMOS 12-BIT SYNCHRONOUS TRI-PORT BUS EXCHANGER
MILITARY AND COMMERCIAL TEMPERATURES RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
3071 tbl 10
NOTES:
1. See test circuits and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This parameter is guaranteed but not tested.
FCT162H272AT
FCT162H272CT
FCT162H272ET
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
tPHL
Propagation Delay
CLK to 1Bx or CLK to 2Bx
CL = 50pF
RL = 500
1.5
5.8
1.5
6.2
1.5
5.2
1.5
5.6
1.5
4.8
ns
tPLH
tPHL
Propagation
Delay
SEL Stable
CExB Enabled
1.5
6.0
1.5
6.4
1.5
5.4
1.5
5.8
1.5
5.0
ns
CLK to Ax
SEL Changing
CExB Disabled
1.5
6.0
1.5
6.4
1.5
5.4
1.5
5.8
1.5
5.4
ns
SEL Changing
CExB Enabled
1.5
7.6
1.5
7.9
1.5
6.6
1.5
7.0
1.5
5.6
ns
tPZH
tPZL
Output Enable Time
CLK to Ax, CLK to 1Bx, or
CLK to 2Bx
1.5
7.7
1.5
8.1
1.5
6.8
1.5
7.2
1.5
6.0
ns
tPHZ
tPLZ
Output Disable Time
CLK to Ax, CLK to 1Bx, or
CLK to 2Bx
1.5
6.4
1.5
6.8
1.5
6.0
1.5
6.4
1.5
5.6
ns
tSU
Set-Up Time, HIGH or LOW
Data to CLK
2.0
2.0
2.0
2.0
2.0
ns
tSU
Set-Up Time,
OEA to CLK,
OEB to CLK
2.0
2.0
2.0
2.0
2.0
ns
tSU
Set-Up Time, SEL to CLK
2.0
2.0
2.0
2.0
2.0
ns
tSU
Set-Up Time,
CEA1B to CLK,
CE1B to CLK, CE2B to CLK,
or
CEA2B to CLK
2.0
2.0
2.0
2.0
2.0
ns
tH
Hold Time, CLK to Data
0
0
0
0
0
ns
tH
Hold Time, CLK to
OEA,
CLK to
OEB, CLK to SEL
0.5
0.5
0.5
0.5
0.5
ns
tH
Hold Time, CLK to
CEA1B,
CLK to
CE1B, CLK to CE2B,
CLK to
CEA2B
0—
0—
0—
0—
0—
ns
tW
Pulse Width, CLK HIGH(4)
3.0
3.0
3.0
3.0
3.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT162H272CTPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162H244AT IDT-IDT54FCT162H244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162H244ATE IDT-IDT54FCT162H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162H244ATEB IDT-IDT54FCT162H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162H244ATPA IDT-IDT54FCT162H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162H244ATPAB IDT-IDT54FCT162H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT162H272CTPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16260AT IDT-IDT74FCT16260AT Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
logo
Pericom Semiconductor C...
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
   12-Bit To 24-Bit Registered Bus Exchanger
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com