Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9126 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM9126
Description  Definition Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9126 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM9126 Datasheet HTML 1Page - SG Micro Corp SGM9126 Datasheet HTML 2Page - SG Micro Corp SGM9126 Datasheet HTML 3Page - SG Micro Corp SGM9126 Datasheet HTML 4Page - SG Micro Corp SGM9126 Datasheet HTML 5Page - SG Micro Corp SGM9126 Datasheet HTML 6Page - SG Micro Corp SGM9126 Datasheet HTML 7Page - SG Micro Corp SGM9126 Datasheet HTML 8Page - SG Micro Corp SGM9126 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
6-Channel, 5th-Order, Standard
Definition Video Filter Driver
2
SG Micro Corp
www.sg-micro.com
SGM9126
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
PACKAGE
OPTION
MARKING
INFORMATION
SGM9126YTS14G/TR
TSSOP-14
-40
℃ to +85℃
Tape and Reel, 3000
SGM9126YTS14
PIN CONFIGURATION (TOP VIEW)
1
2
3
4
TSSOP-14
5
6
7
14
13
12
11
10
9
8
IN1
IN2
IN3
IN4
IN5
VCC
IN6
OUT1
OUT2
OUT3
OUT4
OUT5
GND
OUT6
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, GND to VCC................................................... 6V
Input Voltage.......................................GND - 0.3V to VCC + 0.3V
Storage Temperature Range..............................-65
℃ to +150℃
Junction Temperature ...................................................... 150
Operating Temperature Range........................... -40
℃ to +85℃
Lead Temperature Range (Soldering 10 sec)
……………………............................................................. 260
ESD Susceptibility
HBM................................................................................. 8000V
MM......................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
IN1
Video Input. Channel 1.
2
IN2
Video Input. Channel 2.
3
IN3
Video Input. Channel 3.
4
VCC
Power Supply.
5
IN4
Video Input. Channel 4.
6
IN5
Video Input. Channel 5.
7
IN6
Video Input. Channel 6.
8
OUT6
Filtered Output. Channel 6.
9
OUT5
Filtered Output. Channel 5.
10
OUT4
Filtered Output. Channel 4.
11
GND
Ground.
12
OUT3
Filtered Output. Channel 3.
13
OUT2
Filtered Output. Channel 2.
14
OUT1
Filtered Output. Channel 1.
CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends
that all integrated circuits be handled with appropriate
precautions. Failure to observe proper handling and
installation procedures can cause damage. ESD damage
can range from subtle performance degradation to complete
device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary
without notice at any time. Please contact SGMICRO sales
office to get the latest datasheet.


Similar Part No. - SGM9126

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9121 SGMICRO-SGM9121 Datasheet
313Kb / 11P
   5th-Order Video Driver with 6dB Gain
SGM9121YC6G/TR SGMICRO-SGM9121YC6G/TR Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122YTS8/TR SGMICRO-SGM9122YTS8/TR Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
More results

Similar Description - SGM9126

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
   Definition Video Filter Driver
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
ON Semiconductor
FMS6364A ONSEMI-FMS6364A Datasheet
821Kb / 13P
   Four-Channel Standard- & High-Definition Video Filter Driver
Rev. 3.0.5
logo
Savitech Corp.
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
logo
3PEAK INC.
TPF143 3PEAK-TPF143 Datasheet
356Kb / 10P
   Low Power, 3-channel High-Definition Video Filter Driver
logo
SG Micro Corp
SGM9127 SGMICRO-SGM9127 Datasheet
300Kb / 10P
   4-Channel, 5th-Order, Standard Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com