Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9121 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM9121
Description  5th-Order Video Driver with 6dB Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9121 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM9121 Datasheet HTML 3Page - SG Micro Corp SGM9121 Datasheet HTML 4Page - SG Micro Corp SGM9121 Datasheet HTML 5Page - SG Micro Corp SGM9121 Datasheet HTML 6Page - SG Micro Corp SGM9121 Datasheet HTML 7Page - SG Micro Corp SGM9121 Datasheet HTML 8Page - SG Micro Corp SGM9121 Datasheet HTML 9Page - SG Micro Corp SGM9121 Datasheet HTML 10Page - SG Micro Corp SGM9121 Datasheet HTML 11Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
8MHz, 5th-Order Video Driver
with 6dB Gain
7
SG Micro Corp
www.sg-micro.com
SGM9121
APPLICATION INFORMATION
The SGM9121 low cost, integrated, 5th-order video filter
is intended to replace passive LC filters and drivers in low
voltage portable video applications.
The SGM9121 input must be AC-coupled because the
input capacitor stores the clamp voltage. It needs a
typical value of 0.1µF for the input clamp to meet the Line
Droop specification. The SGM9121 output can drive an
AC- or DC-coupled doubly terminated coax (150Ω) load
(see Figure 1). DC coupling the output removes the need
for an expensive and large output coupling capacitor (see
Figure 2). If an AC-coupled output is needed, the SAG
correction circuit can be used to reduce the AC output
coupling capacitor value.
Offering SAG correction, fixed gain of 6dB, and a 5th-
order low pass filter in a tiny space saving package
makes the SGM9121 well suited for space sensitive
applications such as digital cameras, cellular phones and
other portable devices.
Enable/Shutdown
The SGM9121 has a shutdown feature that disables the
output and reduces the quiescent current to 0.72μA. This
feature is particularly useful in portable applications, such
as video cameras, hand held gaming devices and cellular
phones, where video filtering and driving capability are
required.
Internal Sync Clamp
The typical embedded video DAC operates from a
ground referenced single supply. This becomes an issue
because the lower level of the sync pulse output may be
at a 0V reference level to some positive level. The
problem is that presenting a 0V input to most single
supply driven amplifiers will saturate the output stage of
the amplifier, resulting in a clipped sync tip and degrading
the video image. A larger positive reference may offset
the input above its positive range.
The SGM9121 features an internal sync clamp and offset
function to level shift the entire video signal to the best
level before it reaches the input of the amplifier stage.
These features are also helpful to avoid saturation of the
output stage of the amplifier by setting the signal closer to
the optimal voltage range.
The Typical Application Diagram of the SGM9121 in
Figure 1 is divided into four sections. The first, Section A
is the Sync Clamp. The AC-coupled video sync signal is
pulled negative by a current source at the input of the
comparator amplifier. When the sync tip goes below the
comparator threshold, the comparator output is driven
negative, and the PMOS device turns on, clamping sync
tip to near ground level. The network triggers on the sync
tip of video signal.
OUT
SAG
SGM9121
5th-Order
Filter
6dB
Level
Shifter
IN
VCC
GND
VCC = 3.0V to 5.5V
RIN
CIN
0.1µ
F
DISABLE
22µF
47µF
ROUT
COUT
CS
RL
75
Ω
75
Ω
10k
Ω
To External Power
Supply or Control I/O
Figure 1. AC-Coupled Input/AC-Coupled Output


Similar Part No. - SGM9121

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9121YC6G/TR SGMICRO-SGM9121YC6G/TR Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
More results

Similar Description - SGM9121

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9148 SGMICRO-SGM9148 Datasheet
431Kb / 10P
   5th-Order Video Driver
SGM9114 SGMICRO-SGM9114 Datasheet
319Kb / 11P
   Video Driver with 6dB Gain
SGM9111 SGMICRO-SGM9111_15 Datasheet
283Kb / 11P
   Video Driver with 6dB Gain
SGM9114 SGMICRO-SGM9114_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9121 SGMICRO-SGM9121_16 Datasheet
456Kb / 11P
   8MHz, 5th-Order Video Driver
SGM9113 SGMICRO-SGM9113 Datasheet
412Kb / 12P
   8MHz, 5th-Order Video Driver
SGM9122 SGMICRO-SGM9122 Datasheet
256Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9122 SGMICRO-SGM9122_16 Datasheet
264Kb / 10P
   Dual Video Driver with 6dB Gain
SGM9119 SGMICRO-SGM9119 Datasheet
293Kb / 11P
   5th-Order, Standard Definition Video Filter Driver
SGM9117 SGMICRO-SGM9117_15 Datasheet
296Kb / 10P
   6dB Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com