Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B1071006A2 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T491B1071006A2
Description  T491 Industrial Grade MnO2 Series
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B1071006A2 Datasheet(HTML) 4 Page - Kemet Corporation

  T491B1071006A2 Datasheet HTML 1Page - Kemet Corporation T491B1071006A2 Datasheet HTML 2Page - Kemet Corporation T491B1071006A2 Datasheet HTML 3Page - Kemet Corporation T491B1071006A2 Datasheet HTML 4Page - Kemet Corporation T491B1071006A2 Datasheet HTML 5Page - Kemet Corporation T491B1071006A2 Datasheet HTML 6Page - Kemet Corporation T491B1071006A2 Datasheet HTML 7Page - Kemet Corporation T491B1071006A2 Datasheet HTML 8Page - Kemet Corporation T491B1071006A2 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2005_T491 • 2/3/2014
44
Tantalum Surface Mount Capacitors – Standard Tantalum
T491 Industrial Grade MnO2 Series
Electrical Characteristics
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T491C336M025AT
T491D476M025AT
T491X107M025AT
0.01
0.1
1
10
100
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T491C336M025AT_IMP
T491D476M025AT_IMP
T491X107M025AT_IMP
T491C336M025AT_ESR
T491D476M025AT_ESR
T491X107M025AT_ESR
Capacitance vs. Frequency
ESR vs. Frequency
Dimensions – Millimeters (Inches)
Metric will govern
15
Termination
cutout at
KEMET’s
option,
either end
Case Size
Component
KEMET
EIA
L*
W*
H*
F* ±0.1
±(.004)
S* ±0.3
±(.012)
B* ±0.15
(Ref) ±.006 X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A
3216–18
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.6 ±0.2
(0.063 ±0.008) 1.2 (.047) 0.8 (.031)
0.4 (.016)
0.10 ±0.10
(0.004 ±0.004) 0.4 (.016)
0.4 (.016) 0.13 (.005) 0.8 (.31) 1.1 (.043) 1.3 (.051)
B
3528–21
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.9 ±0.2
(0.075 ±0.008) 2.2 (.087) 0.8 (.031)
0.4 (.016)
0.10 ±0.10
(0.004 ±0.004) 0.5 (.020)
1.0 (.039) 0.13 (.005) 1.1 (0.043) 1.8 (.071) 2.2 (.087)
C
6032–28
6.0 ±0.3
(0.236 ±0.03)
3.2 ±0.3
(0.126 ±0.012)
2.5 ±0.3
(0.098 ±0.012) 2.2 (.087) 1.3 (.051)
0.5 (.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
D
7343–31
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.8 ±0.3
(0.110 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ±0.10
(0.004 ±0.004) 0.9 (.035)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
X
7343–43
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
4.0 ±0.3
(0.157 ±0.012) 2.4 (.094) 1.3 (.051)
0.5 (.020)
0.10 ±0.10
(0.004 ±0.004) 1.7 (.067)
1.0 (.039) 0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
E
7360-38
7.3 ±0.3
(0.287 ±0.012)
6.0± 0.3
(0.236 ±0.012)
3.6 ± 0.2
(0.142 ±0.008) 4.1 (.161) 1.3 (.051)
0.5 (.020)
0.10 ± 0.10
(.004 ± .004)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
S
3216–12
3.2 ±0.2
(0.126 ±0.008)
1.6 ±0.2
(0.063 ±0.008)
1.2 (.047)
1.2 (.047) 0.8 (.031)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 0.8 (.031) 1.1 (.043) 1.3 (.051)
T
3528–12
3.5 ±0.2
(0.138 ±0.008)
2.8 ±0.2
(0.110 ±0.008)
1.2 (.047)
2.2 (.087) 0.8 (.031)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 1.1 (.043) 1.8 (.071) 2.2 (.087)
U
6032–15
6.0 ±0.3
(0.236 ±0.012)
3.2 ±0.2
(0.110 ±0.008)
1.5 (.059)
2.2 (.087) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 2.5(.098) 2.8 (.110) 2.4 (.094)
V
7343–20
7.3 ±0.3
(0.287 ±0.012)
4.3 ±0.3
(0.169 ±0.012)
2.0 (.079)
2.4 (.094) 1.3 (.051)
n/a
0.05 (.002)
n/a
n/a
0.13 (.005) 3.8 (.150) 3.5 (.138) 3.5 (.138)
Notes: (Ref) – Dimensions provided for reference only. No dimensions are provided for B, P or R because low profile cases do not have a bevel or a notch.
* MIL–PRF–55365/8 specified dimensions


Similar Part No. - T491B1071006A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B107004A KEMET-T491B107004A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B107006A KEMET-T491B107006A Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B107006A KEMET-T491B107006A Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B107K004AT KEMET-T491B107K004AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 10%, 4 V, 3528, SMD, MnO2, Molded, 900 mOhms, Height Max = 2.1mm
T491B107K006AT KEMET-T491B107K006AT Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, T491, 100 uF, 10%, 6.3 V, 3528, SMD, MnO2, Molded, 2 Ohms, Height Max = 2.1mm
More results

Similar Description - T491B1071006A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B156K016AT KEMET-T491B156K016AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491X157K020AT KEMET-T491X157K020AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491B475K020AT KEMET-T491B475K020AT Datasheet
2Mb / 24P
   T491 Series Industrial Grade MnO2
T491C475K020AT KEMET-T491C475K020AT Datasheet
1Mb / 24P
   Standard MnO2 Tantalum Surface Mount Capacitors T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com