Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM9116 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SGM9116
Description  HDTV Video Filter Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM9116 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SGM9116_15 Datasheet HTML 2Page - SG Micro Corp SGM9116_15 Datasheet HTML 3Page - SG Micro Corp SGM9116_15 Datasheet HTML 4Page - SG Micro Corp SGM9116_15 Datasheet HTML 5Page - SG Micro Corp SGM9116_15 Datasheet HTML 6Page - SG Micro Corp SGM9116_15 Datasheet HTML 7Page - SG Micro Corp SGM9116_15 Datasheet HTML 8Page - SG Micro Corp SGM9116_15 Datasheet HTML 9Page - SG Micro Corp SGM9116_15 Datasheet HTML 10Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Triple, 35MHz, 6th-Order
HDTV Video Filter Driver
9
SG Micro Corp
www.sg-micro.com
SGM9116
TAPE AND REEL INFORMATION
NOTE: The picture is only for reference. Please make the object as the standard.
KEY PARAMETER LIST OF TAPE AND REEL
Package Type
Reel Diameter
Reel Width
W1
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1
Quadrant
SOIC-8
13″
12.4
6.4
5.4
2.1
4.0
8.0
2.0
12.0
Q1
Reel Width (W1)
Reel Diameter
REEL DIMENSIONS
TAPE DIMENSIONS
DIRECTION OF FEED
P2
P0
W
P1
A0
K0
B0
Q1
Q2
Q4
Q3
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1


Similar Part No. - SGM9116_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
More results

Similar Description - SGM9116_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Agamem Microelectronic ...
AA8616 AGAMEM-AA8616 Datasheet
39Kb / 1P
   Triple, HDTV Video Filter Dirvers
AA8617 AGAMEM-AA8617 Datasheet
39Kb / 1P
   Triple, HDTV Video Filter Dirvers
AA8681 AGAMEM-AA8681 Datasheet
342Kb / 1P
   50MHz, 3rd ORDER HDTV VIDEO FILTER DRIVERS
logo
Micrel Semiconductor
MIC1700 MICREL-MIC1700_11 Datasheet
138Kb / 10P
   HDTV/SDTV 6th Order Video Filter for Component Video plus Composite Video
logo
ON Semiconductor
FMS6363A ONSEMI-FMS6363A Datasheet
454Kb / 12P
   Video Filter Driver
Rev. 2.0.2
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
   Definition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com