Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT163652C Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT163652C
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT163652C Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT163652C Datasheet HTML 1Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 2Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 3Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 4Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 5Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 6Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 7Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 8Page - Integrated Device Technology IDT54FCT163652C Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT163652/A/C
3.3V CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8.7
7
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package, switching in the same direction. This parameter is guaranteed by design.
4. Propagation Delays and Enable/Disable times are with VCC = 3.3V
±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays
and Enable/Disable times should be degraded by 20%.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
(4)
3084 tbl 09
FCT163652
FCT163652A
FCT163652C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
tPHL
Propagation Delay
Bus to Bus
CL = 50pF
RL = 500
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
1.5
5.4
ns
tPZH
tPZL
Output Enable Time
xOEAB or x
OEBA to Bus
2.0
14.0
2.0
15.0
2.0
9.8
2.0
10.5
1.5
7.8
ns
tPHZ
tPLZ
Output Disable Time
xOEAB or x
OEBA to Bus
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
1.5
6.3
ns
tPLH
tPHL
Propagation Delay
Clock to Bus
2.0
9.0
2.0
10.0
2.0
6.3
2.0
7.0
1.5
5.7
ns
tPLH
tPHL
Propagation Delay xSBA or
xSAB to Bus
2.0
11.0
2.0
12.0
2.0
7.7
2.0
8.4
1.5
6.2
ns
tSU
Set-up Time HIGH or LOW
Bus to Clock
4.0
4.5
2.0
2.0
2.0
ns
tH
Hold Time HIGH or LOW
Bus to Clock
2.0
2.0
1.5
1.5
1.5
ns
tW
Clock Pulse Width
HIGH or LOW
6.0
6.0
5.0
5.0
5.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT163652C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16373AT IDT-IDT54FCT16373AT Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT16373CT IDT-IDT54FCT16373CT Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT16373ET IDT-IDT54FCT16373ET Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT16373T IDT-IDT54FCT16373T Datasheet
121Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCHES
IDT54FCT16374AT IDT-IDT54FCT16374AT Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
More results

Similar Description - IDT54FCT163652C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com