Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7200LA50D Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT7200LA50D
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7200LA50D Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT7200LA50D Datasheet HTML 1Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 2Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 3Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 4Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 5Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 6Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 7Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 8Page - Integrated Device Technology IDT7200LA50D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Device Technology, Inc.
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
SEPTEMBER 1997
©1997 Integrated Device Technology, Inc.
DSC-2679/7
1
IDT7200L
IDT7201LA
IDT7202LA
CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9, 1,024 x 9
The IDT logo is a trademark of Integrated Device Technology, Inc.
FEATURES:
First-In/First-Out dual-port memory
256 x 9 organization (IDT7200)
512 x 9 organization (IDT7201)
1,024 x 9 organization (IDT7202)
Low power consumption
— Active: 770mW (max.)
—Power-down: 2.75mW (max.)
Ultra high speed—12ns access time
Asynchronous and simultaneous read and write
Fully expandable by both word depth and/or bit width
Pin and functionally compatible with 720X family
Status Flags: Empty, Half-Full, Full
Auto-retransmit capability
High-performance CEMOS
™ technology
Military product compliant to MIL-STD-883, Class B
Standard Military Drawing #5962-87531, 5962-89666,
5962-89863 and 5962-89536 are listed on this function
Industrial temperature range (–40
°C to +85°C) is
available (plastic packages only)
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The IDT7200/7201/7202 are dual-port memories that load
and empty data on a first-in/first-out basis. The devices use
Full and Empty flags to prevent data overflow and underflow
and expansion logic to allow for unlimited expansion capability
in both word size and depth.
The reads and writes are internally sequential through the
use of ring pointers, with no address information required to
load and unload data. Data is toggled in and out of the devices
through the use of the Write (
W) and Read (R) pins.
The devices utilize a 9-bit wide data array to allow for
control and parity bits at the user’s option. This feature is
especially useful in data communications applications where
it is necessary to use a parity bit for transmission/reception
error checking. It also features a Retransmit (
RT) capability
that allows for reset of the read pointer to its initial position
when
RT is pulsed low to allow for retransmission from the
beginning of data. A Half-Full Flag is available in the single
device mode and width expansion modes.
These FIFOs are fabricated using IDT’s high-speed CMOS
technology. They are designed for those applications requir-
ing asynchronous and simultaneous read/writes in multiproc-
essing and rate buffer applications. Military grade product is
manufactured in compliance with the latest revision of MIL-
STD-883, Class B.
For latest information contact IDT's web site at www.idt.com or fax-on-demand at 408-492-8391.
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM
ARRAY
256 x 9
512 x 9
1,024 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
0
(D –D8)
0
(Q –Q8)
2679 drw 01


Similar Part No. - IDT7200LA50D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7200L ETC2-IDT7200L Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7200L IDT-IDT7200L Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7200LA50D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com