Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8931 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8931
Description  Rail-to-Rail Output Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8931 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8931 Datasheet HTML 1Page - SG Micro Corp SGM8931 Datasheet HTML 2Page - SG Micro Corp SGM8931 Datasheet HTML 3Page - SG Micro Corp SGM8931 Datasheet HTML 4Page - SG Micro Corp SGM8931 Datasheet HTML 5Page - SG Micro Corp SGM8931 Datasheet HTML 6Page - SG Micro Corp SGM8931 Datasheet HTML 7Page - SG Micro Corp SGM8931 Datasheet HTML 8Page - SG Micro Corp SGM8931 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1.5MHz, Rail-to-Rail Output
Operational Amplifiers
2
SGM8931/2/3/4
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
ORDER NUMBER
PACKAGE
DESCRIPTION
PACKAGE
OPTION
MARKING
INFORMATION
SGM8931AYN5G/TR
SOT-23-5
Tape and Reel, 3000
SAAXX
SGM8931BYN5G/TR
SOT-23-5
Tape and Reel, 3000
SB1XX
SGM8931YC5G/TR
SC70-5
Tape and Reel, 3000
SABXX
SGM8931YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8931YS8
SGM8931
SGM8931YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8931YMS8
SGM8932YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8932YMS8
SGM8932
SGM8932YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8932YS8
SGM8933YN6G/TR
SOT-23-6
Tape and Reel, 3000
SA8XX
SGM8933YS8G/TR
SOIC-8
Tape and Reel, 2500
SGM8933YS8
SGM8933
SGM8933YMS8G/TR
MSOP-8
Tape and Reel, 3000
SGM8933YMS8
SGM8934YS14G/TR
SOIC-14
Tape and Reel, 2500
SGM8934YS14
SGM8934
SGM8934YTS14G/TR
TSSOP-14
Tape and Reel, 3000
SGM8934YTS14
NOTE: Package marking is defined as the follow:
MARKING INFORMATION
For example: SAABA (2011, January)
SYY X X
Date code - Year ("A" = 2010, "B" = 2011 …)
Date code - Month ("A" = Jan. "B" = Feb. … "L" = Dec.)
Chip I.D.
 
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS......................................................6V
Common Mode Input Voltage.....................-0.1V to (+VS) - 1.3V
Storage Temperature Range..............................-65
℃ to +150℃
Junction Temperature .......................................................150
Operating Temperature Range........................... -40
℃ to +85℃
Lead Temperature (Soldering 10sec)
...........................................................................................260
ESD Susceptibility
HBM (SGM8931/2/4).........................................................8000V
HBM (SGM8933)...............................................................4000V
MM .....................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.
 


Similar Part No. - SGM8931

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - SGM8931

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
logo
Texas Instruments
LPV321 TI1-LPV321_13 Datasheet
1Mb / 30P
[Old version datasheet]   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461 Datasheet
75Kb / 10P
   OUTPUT RAIL TO RAIL OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8932 SGMICRO-SGM8932 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
SGM8933 SGMICRO-SGM8933 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_15 Datasheet
483Kb / 11P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS931 STMICROELECTRONICS-TS931_04 Datasheet
242Kb / 15P
   OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
TS941 STMICROELECTRONICS-TS941_09 Datasheet
320Kb / 18P
   Output rail-to-rail micropower operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com