Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8927 Datasheet(PDF) 5 Page - SG Micro Corp

Part # SGM8927
Description  CMOS Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8927 Datasheet(HTML) 5 Page - SG Micro Corp

  SGM8927 Datasheet HTML 1Page - SG Micro Corp SGM8927 Datasheet HTML 2Page - SG Micro Corp SGM8927 Datasheet HTML 3Page - SG Micro Corp SGM8927 Datasheet HTML 4Page - SG Micro Corp SGM8927 Datasheet HTML 5Page - SG Micro Corp SGM8927 Datasheet HTML 6Page - SG Micro Corp SGM8927 Datasheet HTML 7Page - SG Micro Corp SGM8927 Datasheet HTML 8Page - SG Micro Corp SGM8927 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
110kHz, 6.4μA, Rail-to-Rail Output
CMOS Operational Amplifiers
5
SGM8925/7
SG Micro Corp
www.sg-micro.com
ELECTRICAL CHARACTERISTICS: VS = +5V
(At TA = +25
℃, VOUT = VS/2, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
0.13
0.6
Input Offset Voltage (VOS)
VCM = VS/2
SGM8925YC5G only
0.75
mV
Input Offset Voltage Drift (ΔVOST)
2.5
µV/
RL = 100kΩ to VS/2, VOUT = 0.05V to 4.95V
93
RL = 10kΩ to VS/2, VOUT = 0.15V to 4.85V
80
88
Open-Loop Voltage Gain (AOL)
-40
℃ ≤ TA ≤ +85℃
78
dB
INPUT CHARACTERISTICS
VCM = -0.1V to 3.7V
70
85
Common Mode Rejection Ratio (CMRR)
-40
℃ ≤ TA ≤ +85℃
68
dB
OUTPUT CHARACTERISTICS
RL = 10kΩ to VS/2
21
36
-40
℃ ≤ TA ≤ +85℃
40
mV
RL = 2kΩ to VS/2
80
100
Output Voltage Swing from Rail
-40
℃ ≤ TA ≤ +85℃
110
mV
RL = 10Ω to VS/2
29
36
Output Short-Circuit Current (ISC)
-40
℃ ≤ TA ≤ +85℃
23
mA
POWER-DOWN (SGM8927 ONLY)
Logic Low Voltage (VIL)
0.8
Logic High Voltage (VIH)
2
V
POWER SUPPLY
IOUT = 0mA
6.4
11.5
Quiescent Current (IQ)
-40
℃ ≤ TA ≤ +85℃
13.5
μA
Supply Current when Disabled
(SGM8927 Only)
0.1
1.5
μA
VS = +1.6V to +5.5V, VCM = 0.3V
64
77
Power Supply Rejection Ratio (PSRR)
-40
℃ ≤ TA ≤ +85℃
62
dB
DYNAMIC PERFORMANCE
Gain-Bandwidth Product (GBP)
RL = 100kΩ, CL = 100pF, VCM = 2.5V
110
kHz
Slew Rate (SR)
VCM = 2.5V
0.04
V/μs
NOISE PERFORMANCE
Input Voltage Noise (en)
f = 1kHz
105
nV/ z
Η


Similar Part No. - SGM8927

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
SGM8922 SGMICRO-SGM8922 Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
324Kb / 10P
   Output Operational Amplifier
SGM8922A SGMICRO-SGM8922A Datasheet
328Kb / 10P
   Output Operational Amplifier
SGM8922AXS8/TR SGMICRO-SGM8922AXS8/TR Datasheet
328Kb / 10P
   Output Operational Amplifier
More results

Similar Description - SGM8927

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
   CMOS Operational Amplifiers
SGM8093 SGMICRO-SGM8093_15 Datasheet
556Kb / 18P
   CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8623 SGMICRO-SGM8623_15 Datasheet
525Kb / 19P
   CMOS Operational Amplifiers
SGM8633 SGMICRO-SGM8633_15 Datasheet
537Kb / 20P
   CMOS Operational Amplifiers
SGM8653 SGMICRO-SGM8653_15 Datasheet
463Kb / 18P
   CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
logo
Rohm
BU7291G-TR ROHM-BU7291G-TR Datasheet
767Kb / 31P
   CMOS Operational Amplifiers
logo
SG Micro Corp
SGM321 SGMICRO-SGM321_15 Datasheet
404Kb / 17P
   CMOS Operational Amplifiers
SGM8061 SGMICRO-SGM8061_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
SGM8062 SGMICRO-SGM8062_15 Datasheet
486Kb / 16P
   CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com