Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162511CTPF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT74FCT162511CTPF
Description  FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162511CTPF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT74FCT162511CTPF Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 9Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 10Page - Integrated Device Technology IDT74FCT162511CTPF Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IDT54/74FCT162511AT/CT
FAST CMOS 16-BIT REGISTERED/LATCHED TRANSCEIVER WITH PARITY
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.11
11
ORDERING INFORMATION
X
Temperature
Range
XXXX
Device
Type
X
Package
X
Process
Blank
Commercial
B
MIL-STD-883, Class B
PV
PA
PF
E
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
162511AT
162511CT
16-Bit Registered Transceiver with Parity
–55
°C to +125°C
–40
°C to +85°C
54
74
IDT
FCT
2916 drw 10


Similar Part No. - IDT74FCT162511CTPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162500AT IDT-IDT74FCT162500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT162500ATE IDT-IDT74FCT162500ATE Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT162500ATEB IDT-IDT74FCT162500ATEB Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT162500ATPA IDT-IDT74FCT162500ATPA Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
More results

Similar Description - IDT74FCT162511CTPF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT162511 PERICOM-PI74FCT162511 Datasheet
87Kb / 8P
   Fast CMOS 16-Bit Registered/Latched Transceiver With Parity
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT163543 IDT-IDT74FCT163543 Datasheet
103Kb / 7P
   3.3V CMOS 16-BIT LATCHED TRANSCEIVER
logo
NXP Semiconductors
74ABT16899 PHILIPS-74ABT16899 Datasheet
105Kb / 16P
   18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Feb 25
logo
Texas Instruments
CY5474FCT543T TI-CY5474FCT543T Datasheet
73Kb / 9P
[Old version datasheet]   8-Bit Latched Registered Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com