Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7217L45G Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7217L45G
Description  16 x 16 PARALLEL CMOS MULTIPLIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7217L45G Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7217L45G Datasheet HTML 2Page - Integrated Device Technology IDT7217L45G Datasheet HTML 3Page - Integrated Device Technology IDT7217L45G Datasheet HTML 4Page - Integrated Device Technology IDT7217L45G Datasheet HTML 5Page - Integrated Device Technology IDT7217L45G Datasheet HTML 6Page - Integrated Device Technology IDT7217L45G Datasheet HTML 7Page - Integrated Device Technology IDT7217L45G Datasheet HTML 8Page - Integrated Device Technology IDT7217L45G Datasheet HTML 9Page - Integrated Device Technology IDT7217L45G Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
11.3
6
IDT7216L, IDT7217L
16 x 16 PARALLEL CMOS MULTIPLIERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5.0V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
2580 tbl 03
1. Typical implies VCC = 5V and TA = +25
°C.
2. ICC is measured at 10MHz and VIN = 0 to 3V. For frequencies greater than 10MHz, the following equation is used for the commercial range:
ICC = 80+ 4(f –10)mA; for the military range, ICC = 100 + 6(f –10). f = operating frequency in MHz, f = 1/tMUC for IDT7216 and f = 1/tMC for IDT7217.
3. For frequencies greater than 10MHz, guaranteed by design, not production tested.
4. IOL = 4mA for tMC >65ns.
Commercial
Military
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(1)
Max.
Min.
Typ.(1)
Max.
Unit
VIH
Input High Voltage
Guaranteed Logic High Level
2.0
2.0
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
0.8
V
|ILI|
Input Leakage Current
VCC = Max., VIN = 0 to VCC
——10
——10
µA
|ILO|
Output Leakage Current
VCC = Max.,
OE = 2.0V
VOUT = 0 to VCC
——10
——10
µA
ICC
Operating Power Supply Current
VCC = Max., Outputs Disabled
f = 10MHz(2)
40
80
40
100
mA
ICCQ1
Quiescent Power Supply Current
VIN
≥ VIH, VIN ≤ VIL
20
40
20
50
mA
ICCQ2
Quiescent Power Supply Current
VIN
≥ VCC – 0.2V, VIN ≤ 0.2V
4
20
4
25
mA
ICC/f(2,3) Increase in Power Supply
Current
VCC = Max., Outputs Disabled
4
6
mA/
MHz
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0mA
2.4
2.4
V
VOL(4)
Output LOW Voltage
VCC = Min., IOL = 8mA
0.4
0.4
V
IOS
Output Short Circuit Current
VCC = Max., VO = GND
-20
-120
-20
-120
mA


Similar Part No. - IDT7217L45G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7210 IDT-IDT7210 Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L35J IDT-IDT72103L35J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72103L50J IDT-IDT72103L50J Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72104 IDT-IDT72104 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
More results

Similar Description - IDT7217L45G

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMU16JC-35 INTERSIL-HMU16JC-35 Datasheet
275Kb / 13P
   16 x 16-Bit CMOS Parallel Multipliers
logo
Renesas Technology Corp
HMU16 RENESAS-HMU16 Datasheet
656Kb / 13P
   null16 x 16-Bit CMOS Parallel Multipliers
November 1999
logo
List of Unclassifed Man...
AM29517 ETC-AM29517 Datasheet
497Kb / 16P
   16 X 16 BIT PARALLEL MULTIPLIERS
logo
Intersil Corporation
HMU17 INTERSIL-HMU17 Datasheet
198Kb / 6P
   16 x 16-Bit CMOS Parallel Multiplier
logo
Integrated Device Techn...
IDT7210L IDT-IDT7210L Datasheet
167Kb / 10P
   16 x 16 PARALLEL CMOS MULTIPLIER-ACCUMULATOR
logo
Intersil Corporation
HMU16 INTERSIL-HMU16 Datasheet
203Kb / 7P
   16 x 16-Bit CMOS Parallel Multiplier
HMA510 INTERSIL-HMA510 Datasheet
140Kb / 10P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
HMA5101 INTERSIL-HMA5101 Datasheet
180Kb / 9P
   16 x 16-Bit CMOS Parallel Multiplier Accumulator
logo
Integrated Device Techn...
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
logo
LOGIC Devices Incorpora...
LMU18 LODEV-LMU18 Datasheet
184Kb / 7P
   16 x 16-bit Parallel Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com