Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD585 Datasheet(PDF) 1 Page - Analog Devices

Part # AD585
Description  High Speed, Precision Sample-and-Hold Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD585 Datasheet(HTML) 1 Page - Analog Devices

  AD585_15 Datasheet HTML 1Page - Analog Devices AD585_15 Datasheet HTML 2Page - Analog Devices AD585_15 Datasheet HTML 3Page - Analog Devices AD585_15 Datasheet HTML 4Page - Analog Devices AD585_15 Datasheet HTML 5Page - Analog Devices AD585_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
High Speed, Precision
Sample-and-Hold Amplifier
AD585
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
3.0
s Acquisition Time to
0.01% max
Low Droop Rate: 1.0 mV/ms max
Sample/Hold Offset Step: 3 mV max
Aperture Jitter: 0.5 ns
Extended Temperature Range: –55 C to +125 C
Internal Hold Capacitor
Internal Application Resistors
12 V or
15 V Operation
Available in Surface Mount
APPLICATIONS
Data Acquisition Systems
Data Distribution Systems
Analog Delay & Storage
Peak Amplitude Measurements
MIL-STD-883 Compliant Versions Available
PRODUCT DESCRIPTION
The AD585 is a complete monolithic sample-and-hold circuit
consisting of a high performance operational amplifier in series
with an ultralow leakage analog switch and a FET input inte-
grating amplifier. An internal holding capacitor and matched
applications resistors have been provided for high precision and
applications flexibility.
The performance of the AD585 makes it ideal for high speed
10- and 12-bit data acquisition systems, where fast acquisition
time, low sample-to-hold offset, and low droop are critical. The
AD585 can acquire a signal to
±0.01% in 3 µs maximum, and
then hold that signal with a maximum sample-to-hold offset of
3 mV and less than 1 mV/ms droop, using the on-chip hold
capacitor. If lower droop is required, it is possible to add a
larger external hold capacitor.
The high speed analog switch used in the AD585 exhibits
aperture jitter of 0.5 ns, enabling the device to sample full scale
(20 V peak-to-peak) signals at frequencies up to 78 kHz with
12-bit precision.
The AD585 can be used with any user-defined feedback net-
work to provide any desired gain in the sample mode. On-chip
precision thin-film resistors can be used to provide gains of +1,
–1, or +2. Output impedance in the hold mode is sufficiently
low to maintain an accurate output signal even when driving the
dynamic load presented by a successive-approximation A/D
converter. However, the output is protected against damage
from accidental short circuits.
The control signal for the HOLD command can be either active
high or active low. The differential HOLD signal is compatible
with all logic families, if a suitable reference level is provided. An
on-chip TTL reference level is provided for TTL compatibility.
The AD585 is available in three performance grades. The JP
grade is specified for the 0
°C to +70°C commercial temperature
range and packaged in a 20-pin PLCC. The AQ grade is speci-
fied for the –25
°C to +85°C industrial temperature range and is
packaged in a 14-pin cerdip. The SQ and SE grades are speci-
fied for the –55
°C to +125°C military temperature range and
are packaged in a 14-pin cerdip and 20-pin LCC.
PRODUCT HIGHLIGHTS
1. The fast acquisition time (3
µs) and low aperture jitter
(0.5 ns) make it the first choice for very high speed data
acquisition systems.
2. The droop rate is only 1.0 mV/ms so that it may be used in
slower high accuracy systems without the loss of accuracy.
3. The low charge transfer of the analog switch keeps sample-to
hold offset below 3 mV with the on-chip 100 pF hold capaci-
tor, eliminating the trade-off between acquisition time and
S/H offset required with other SHAs.
4. The AD585 has internal pretrimmed application resistors for
applications versatility.
5. The AD585 is complete with an internal hold capacitor for
ease of use. Capacitance can be added externally to reduce
the droop rate when long hold times and high accuracy are
required.
6. The AD585 is recommended for use with 10- and 12-bit
successive-approximation A/D converters such as AD573,
AD574A, AD674A, AD7572 and AD7672.
7. The AD585 is available in versions compliant with MIL-STD-
883. Refer to the Analog Devices Military Products Databook
or current AD585/883B data sheet for detailed specifications.
FUNCTIONAL BLOCK DIAGRAM
DIP
LCC/PLCC Package


Similar Part No. - AD585_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
More results

Similar Description - AD585_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
AD585 AD-AD585_17 Datasheet
526Kb / 6P
   High speed, Precision Sample-and-hold Amplifier
logo
Intersil Corporation
HA5320 INTERSIL-HA5320 Datasheet
90Kb / 12P
   High Speed Precision Sample and Hold Amplifier
July 1994
logo
Analog Devices
AD585JP-REEL AD-AD585JP-REEL Datasheet
342Kb / 6P
   High Speed, Precision Sample-and-Hold Amplifier
REV. A
logo
Intersil Corporation
HA-5320883 INTERSIL-HA-5320883 Datasheet
309Kb / 11P
   High Speed Precision Sample and Hold Amplifier
logo
Linear Technology
LF398S8 LINER-LF398S8 Datasheet
144Kb / 2P
   Precision Sample and Hold Amplifier?
LF198A LINER-LF198A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
   High Speed Sample-and-Hold Amplifier
REV. B
logo
Linear Technology
LF398S8 LINER-LF398S8_15 Datasheet
156Kb / 2P
   Precision Sample and Hold Amplifier
logo
Analog Devices
AD346 AD-AD346_15 Datasheet
1Mb / 4P
   HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com