Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8705 Datasheet(PDF) 2 Page - SG Micro Corp

Part # SGM8705
Description  Push-Pull Output Comparator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8705 Datasheet(HTML) 2 Page - SG Micro Corp

  SGM8705 Datasheet HTML 1Page - SG Micro Corp SGM8705 Datasheet HTML 2Page - SG Micro Corp SGM8705 Datasheet HTML 3Page - SG Micro Corp SGM8705 Datasheet HTML 4Page - SG Micro Corp SGM8705 Datasheet HTML 5Page - SG Micro Corp SGM8705 Datasheet HTML 6Page - SG Micro Corp SGM8705 Datasheet HTML 7Page - SG Micro Corp SGM8705 Datasheet HTML 8Page - SG Micro Corp SGM8705 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Micro-Power, CMOS Input, RRIO, 1.4V,
SGM8705
Push-Pull Output Comparator
2
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PIN-
PACKAGE
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKAGE
OPTION
SOIC-8
-40
℃ to +85℃
SGM8705YS8G/TR
SGM8705YS8
Tape and Reel, 2500
SGM8705
MSOP-8
-40
℃ to +85℃
SGM8705YMS8G/TR
SGM8705YMS8
Tape and Reel, 3000
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, +VS to -VS………………………………….…...6V
VIN Differential….................................................................±2.5V
Voltage at Input/Output pins……….. (-VS) - 0.3V to (+VS) + 0.3V
Operating Temperature Range............................-40
℃ to +85℃
Junction Temperature....................................................... 150
Storage Temperature.........................................-65
℃ to +150℃
Lead Temperature (soldering, 10s) ...................................260
ESD Susceptibility
HBM..................................................................................4000V
MM......................................................................................400V
NOTE:
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only, and functional operation of the device at
these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
PIN CONFIGURATIONS (TOP VIEW)
5
6
7
8
1
2
3
4
SGM8705
SOIC-8/MSOP-8
VINA+
VINA-
VINB+
VINB-
+VS
VOUTA
VOUTB
-VS
CAUTION
This integrated circuit can be damaged by ESD if you don’t pay
attention to ESD protection. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because
very small parametric changes could cause the device not to
meet its published specifications.
SGMICRO reserves the right to make any change in circuit
design, specification or other related things if necessary without
notice at any time. Please contact SGMICRO sales office to get
the latest datasheet.


Similar Part No. - SGM8705

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
SGM8703 SGMICRO-SGM8703 Datasheet
337Kb / 15P
   Push-Pull Output Comparator with Latch Enable
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
SGM8708 SGMICRO-SGM8708 Datasheet
341Kb / 13P
   Integrated Voltage Reference
More results

Similar Description - SGM8705

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
   Push-Pull Output Comparator
logo
Texas Instruments
TLV3701-EP TI1-TLV3701-EP Datasheet
393Kb / 11P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3701-EP TI1-TLV3701-EP_14 Datasheet
388Kb / 12P
[Old version datasheet]   NANOPOWER PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
   Nano Power, Push/Pull Output Comparator
July 12, 2012
ISL28915 INTERSIL-ISL28915 Datasheet
328Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Renesas Technology Corp
ISL28915 RENESAS-ISL28915 Datasheet
582Kb / 10P
   Nano Power, Push/Pull Output Comparator
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
   1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561 Datasheet
730Kb / 42P
   1.8V Low Power Push-Pull Output Comparator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com