Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT138CSO Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT138CSO
Description  FAST CMOS 1-OF-8 DECODER WITH ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT138CSO Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT138CSO Datasheet HTML 1Page - Integrated Device Technology IDT74FCT138CSO Datasheet HTML 2Page - Integrated Device Technology IDT74FCT138CSO Datasheet HTML 3Page - Integrated Device Technology IDT74FCT138CSO Datasheet HTML 4Page - Integrated Device Technology IDT74FCT138CSO Datasheet HTML 5Page - Integrated Device Technology IDT74FCT138CSO Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IDT54/74FCT138/A/C
FAST CMOS 1-OF-8 DECODER-WITH ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.3
3
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power Supply Current
Vcc = Max.
0.2
1.5
mA
VIN
≥ VHC; VIN ≤ VLC
∆ICC
Quiescent Power Supply Current
Vcc = Max.
0.5
2.0
mA
TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
Vcc = Max.
VIN
≥ VHC
0.15
0.3
mA/MHz
Outputs Open
VIN
≤ VLC
One Output Toggling
50% Duty Cycle
IC
Total Power Supply Current
(5)
Vcc = Max.
VIN
≥ VHC
1.7
4.5
mA
Outputs Open
VIN
≤ VLC
Toggle
E1, E2 or E3
(FCT)
50% Duty Cycle
VIN = 3.4V
2.0
5.5
fO = 10MHz
VIN = GND
One Output Toggling
NOTES:
2581 tbl 04
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fONO)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fO = Output Frequency
NO = Number of Outputs at fO
All currents are in milliamps and all frequencies are in megahertz.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: VLC = 0.2V; VHC = VCC – 0.2V
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = VCC
——
5
µA
VI= 2.7V
5
(4)
IIL
Input LOW Current
VI= 0.5V
–5
(4)
VI = GND
–5
VIK
Clamp Diode Voltage
VCC = Min., IN = –18mA
–0.7
–1.2
V
IOS
Short Circuit Current
VCC = Max.
(3), VO = GND
–60
–120
mA
VOH
Output HIGH Voltage
VCC = 3V, VIN = VLC or VHC, IOH = –32
µAVHC
VCC
—V
VCC = Min.
IOH = –300
µAVHC
VCC
VIN = VIH or VIL
IOH = –12mA MIL.
2.4
4.3
IOH = –15mA COM’L.
2.4
4.3
VOL
Output LOW Voltage
VCC = 3V, VIN = VLC or VHC, IOL = 300
µA
GND
VLC
V
VCC = Min.
IOL = 300
µA
GND
VLC
(4)
VIN = VIH or VIL
IOL = 32mA MIL.
0.3
0.5
IOL = 48mA COM’L.
0.3
0.5
NOTES:
2581 tbl 03
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient and maximum loading.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. This parameter is guaranteed but not tested.


Similar Part No. - IDT74FCT138CSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT138CT IDT-IDT74FCT138CT Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138CTD IDT-IDT74FCT138CTD Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138CTDB IDT-IDT74FCT138CTDB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138CTE IDT-IDT74FCT138CTE Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT138CTEB IDT-IDT74FCT138CTEB Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
More results

Similar Description - IDT74FCT138CSO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT138T IDT-IDT74FCT138T Datasheet
106Kb / 6P
   FAST CMOS 1-OF-8 DECODER WITH ENABLE
IDT74FCT139 IDT-IDT74FCT139 Datasheet
103Kb / 6P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
IDT74FCT139T IDT-IDT74FCT139T Datasheet
103Kb / 5P
   FAST CMOS DUAL 1-OF-4 DECODER WITH ENABLE
logo
Pericom Semiconductor C...
PI74FCT138T PERICOM-PI74FCT138T Datasheet
55Kb / 6P
   Fast CMOS 1-of-8 Decoder
logo
Cypress Semiconductor
CY54FCT138T CYPRESS-CY54FCT138T Datasheet
155Kb / 6P
   1-of-8 Decoder
logo
Texas Instruments
CY5474FCT138T TI-CY5474FCT138T Datasheet
79Kb / 7P
[Old version datasheet]   1-of-8 Decoder
logo
Intersil Corporation
CDP1853C INTERSIL-CDP1853C Datasheet
35Kb / 7P
   High-Reliability CMOS N-Bit 1 of 8 Decoder
March 1997
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com