Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8634 Datasheet(PDF) 7 Page - SG Micro Corp

Part # SGM8634
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8634 Datasheet(HTML) 7 Page - SG Micro Corp

Back Button SGM8634_15 Datasheet HTML 3Page - SG Micro Corp SGM8634_15 Datasheet HTML 4Page - SG Micro Corp SGM8634_15 Datasheet HTML 5Page - SG Micro Corp SGM8634_15 Datasheet HTML 6Page - SG Micro Corp SGM8634_15 Datasheet HTML 7Page - SG Micro Corp SGM8634_15 Datasheet HTML 8Page - SG Micro Corp SGM8634_15 Datasheet HTML 9Page - SG Micro Corp SGM8634_15 Datasheet HTML 10Page - SG Micro Corp SGM8634_15 Datasheet HTML 11Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
470μA, 6MHz, Rail-to-Rail I/O
SGM8631/2/3/4
CMOS Operational Amplifiers
7
SG Micro Corp
www.sg-micro.com
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.
Supply Current vs. Temperature
250
300
350
400
450
500
550
600
650
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
VS = 5V
VS = 3V
VS = 2.5V
Shutdown Current vs. Temperature
0
30
60
90
120
150
180
210
-50 -30 -10 1030
5070
90 110 130
Temperature (
℃)
VS = 5V
VS = 3V
VS = 2.5V
Open-Loop Gain vs. Temperature
70
80
90
100
110
120
-50 -30 -10 10
30
50
70
90 110 130
Temperature (
℃)
RL = 600Ω
RL = 10kΩ
Output Voltage Swing vs. Output Current
0
1
2
3
4
5
0
10
20
3040
5060
7080
Output Current (mA)
25
135
-50
25
135
-50
VS = 5V
Sourcing Current
Sinking Current
Output Voltage Swing vs. Output Current
0
1
2
3
0
10
203040
5060
Output Current (mA)
25
135
-50
VS = 3V
Sourcing Current
Sinking Current
Small-Signal Overshoot vs. Load Capacitance
0
10
20
30
40
50
60
70
1
10
100
1000
Load Capacitance (pF)
-OS
VS = 2.7V
RL = 10kΩ
TA = +25℃
G = 1
+OS


Similar Part No. - SGM8634_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8634XS SGMICRO-SGM8634XS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XS/TR SGMICRO-SGM8634XS/TR Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
SGM8634XTS SGMICRO-SGM8634XTS Datasheet
659Kb / 18P
   470關A, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
More results

Similar Description - SGM8634_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com