Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGM8631 Datasheet(PDF) 10 Page - SG Micro Corp

Part # SGM8631
Description  Rail-to-Rail I/O CMOS Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM8631 Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM8631_15 Datasheet HTML 6Page - SG Micro Corp SGM8631_15 Datasheet HTML 7Page - SG Micro Corp SGM8631_15 Datasheet HTML 8Page - SG Micro Corp SGM8631_15 Datasheet HTML 9Page - SG Micro Corp SGM8631_15 Datasheet HTML 10Page - SG Micro Corp SGM8631_15 Datasheet HTML 11Page - SG Micro Corp SGM8631_15 Datasheet HTML 12Page - SG Micro Corp SGM8631_15 Datasheet HTML 13Page - SG Micro Corp SGM8631_15 Datasheet HTML 14Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
470μA, 6MHz, Rail-to-Rail I/O
SGM8631/2/3/4
CMOS Operational Amplifiers
10
SG Micro Corp
www.sg-micro.com
APPLICATION NOTES
Driving Capacitive Loads
The SGM8631/2/3/4 can directly drive 1000pF in
unity-gain without oscillation. The unity-gain follower
(buffer) is the most sensitive configuration to capacitive
loading. Direct capacitive loading reduces the phase
margin of amplifiers and this results in ringing or even
oscillation. Applications that require greater capacitive
driving capability should use an isolation resistor between
the output and the capacitive load like the circuit in Figure
1. The isolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO
resistor value, the more stable VOUT will be. Note that this
method results in a loss of gain accuracy because RISO
forms a voltage divider with the RLOAD.
VIN
VOUT
SGM8631
CL
RISO
Figure 1. Indirectly Driving Heavy Capacitive Load
An improved circuit is shown in Figure 2. It provides DC
accuracy as well as AC stability. RF provides the DC
accuracy by connecting the inverting signal with the
output. CF and RIso serve to counteract the loss of phase
margin by feeding the high frequency component of the
output signal back to the amplifier’s inverting input,
thereby preserving phase margin in the overall feedback
loop.
VIN
VOUT
SGM8631
CL
RISO
RL
RF
CF
Figure 2. Indirectly Driving Heavy Capacitive Load with DC
Accuracy
For non-buffer configuration, there are two other ways to
increase the phase margin: (a) by increasing the
amplifier’s gain or (b) by placing a capacitor in parallel
with the feedback resistor to counteract the parasitic
capacitance associated with inverting node.
Power-Supply Bypassing and Layout
The SGM8631/2/3/4 family operates from either a single
+2.5V to +5.5V supply or dual ±1.25V to ±2.75V supplies.
For single-supply operation, bypass the power supply
+VS with a 0.1µF ceramic capacitor which should be
placed close to the +VS pin. For dual-supply operation,
both the +VS and the -VS supplies should be bypassed to
ground with separate 0.1µF ceramic capacitors. 2.2µF
tantalum capacitor can be added for better performance.
Good PC board layout techniques optimize performance
by decreasing the amount of stray capacitance at the op
amp’s inputs and output. To decrease stray capacitance,
minimize trace lengths and widths by placing external
components as close to the device as possible. Use
surface-mount components whenever possible.
For the operational amplifier, soldering the part to the
board directly is strongly recommended. Try to keep the
high frequency big current loop area small to minimize
the EMI (electromagnetic interfacing).
SGM8631
+VS
Vn
Vp
-VS
VOUT
10µF
0.1µF
10µF
0.1µF
SGM8631
Vn
Vp
+VS
-VS(GND)
VOUT
10µF
0.1µF
Figure 3. Amplifier with Bypass Capacitors
Grounding
A ground plane layer is important for SGM8631/2/3/4
circuit design. The length of the current path speed
currents in an inductive ground return will create an
unwanted voltage noise. Broad ground plane areas will
reduce the parasitic inductance.
Input-to-Output Coupling
To minimize capacitive coupling, the input and output signal
traces should not be parallel. This helps reduce unwanted
positive feedback.


Similar Part No. - SGM8631_15

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8631 SGMICRO-SGM8631_16 Datasheet
1Mb / 18P
   CMOS Operational Amplifiers
More results

Similar Description - SGM8631_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com