Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163646 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT163646
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163646 Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT163646 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 8Page - Integrated Device Technology IDT74FCT163646 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
8.8
6
IDT74FCT163646/A/C
3.3V 16-BIT BUS TRANSCEIVER/REGISTERS
COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
2778 tbl 06
NOTES:
1. For conditions shown as max. or min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25
°C ambient.
3. Per TTL driven input; all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
TTL Inputs HIGH
VCC = Max.
VIN = VCC – 0.6V(3)
2.0
30
µA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
xDIR = x
OE= GND
50% Duty Cycle
One Input Toggling
VIN = VCC
VIN = GND
60
100
µA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
Outputs Open
fCP = 10MHz (xCLKBA)
50% Duty Cycle
xDIR = x
OE = GND
VIN = VCC
VIN = GND
0.6
1.0
mA
fi = 5MHz
50% Duty Cycle
One Bit Toggling
VIN = VCC –0.6V
VIN = GND
0.6
1.0
VCC = Max.
Outputs Open
fCP = 10MHz (xCLKBA)
50% Duty Cycle
xDIR = x
OE = GND
VIN = VCC
VIN = GND
3.0
5.0(5)
fi = 2.5MHz
50% Duty Cycle
Sixteen Bits Toggling
VIN = VCC –0.6V
VIN = GND
3.0
5.3(5)


Similar Part No. - IDT74FCT163646

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163601 IDT-IDT74FCT163601 Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601A IDT-IDT74FCT163601A Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601APA IDT-IDT74FCT163601APA Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601APF IDT-IDT74FCT163601APF Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT163601APV IDT-IDT74FCT163601APV Datasheet
104Kb / 7P
   3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74FCT163646

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com