Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162260AT Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT162260AT
Description  FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162260AT Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT162260AT Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162260AT Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
5.4
6
IDT54/74FCT16260AT/CT/ET, 162260AT/CT/ET
FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
MILITARY AND COMMERCIAL TEMPERATURES RANGES
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
3032 tbl 10
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This parameter is guaranteed but not tested.
FCT16260AT/162260AT
FCT16260CT/162260CT
FCT16260ET/162260ET
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1) Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
tPHL
Propagation Delay
AX to 1BX or Ax to 2BX
CL = 50pF
RL = 500
1.5
5.2
1.5
5.6
1.5
4.7
1.5
5.1
1.5
3.6
ns
tPLH
tPHL
Propagation Delay
1BX to AX or 2BX to AX
1.5
5.6
1.5
5.9
1.5
5.0
1.5
5.4
1.5
3.6
ns
tPLH
tPHL
Propagation Delay
LEXB to AX
1.5
5.2
1.5
5.6
1.5
4.7
1.5
5.1
1.5
4.0
ns
tPLH
tPHL
Propagation Delay
LEA1B to 1BX or
LEA2B to 2BX
1.5
4.7
1.5
5.2
1.5
4.4
1.5
4.8
1.5
4.0
ns
tPLH
tPHL
Propagation Delay
SEL to AX
1.5
5.2
1.5
5.6
1.5
4.7
1.5
5.1
1.5
4.0
ns
tPZH
tPZL
Output Enable Time
OEA to AX, OE1B to 1BX, or
OE2B to 2BX
1.5
5.7
1.5
6.1
1.5
5.1
1.5
5.4
1.5
4.4
ns
tPHZ
tPLZ
Output Disable Time
OEA to AX, OE1B to 1BX, or
OE2B to 2BX
1.5
4.4
1.5
4.8
1.5
4.0
1.5
4.4
1.5
4.0
ns
tSU
Set-Up Time, HIGH or LOW
Data to Latch
1.5
1.5
1.0
1.0
1.0
ns
tH
Hold Time, Latch to Data
1.0
1.5
1.0
1.5
1.0
ns
tW
Pulse Width, Latch HIGH(4)
3.0
3.0
3.0
3.0
3.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT162260AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT162240AT IDT-IDT54FCT162240AT Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATE IDT-IDT54FCT162240ATE Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATEB IDT-IDT54FCT162240ATEB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATPA IDT-IDT54FCT162240ATPA Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT54FCT162240ATPAB IDT-IDT54FCT162240ATPAB Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT162260AT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT73720A IDT-IDT73720A Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT74FCT162H272AT IDT-IDT74FCT162H272AT Datasheet
138Kb / 8P
   FAST CMOS 12-BIT SYNCHRONOUS BUS EXCHANGER
IDT73720 IDT-IDT73720 Datasheet
74Kb / 8P
   16-BIT TRI-PORT BUS EXCHANGER
IDT74LVCH16260A IDT-IDT74LVCH16260A Datasheet
128Kb / 7P
   3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER WITH 5 VOLT TOLERANT I/O AND BUS-HOLD
logo
Pericom Semiconductor C...
PI74ALVCH162268 PERICOM-PI74ALVCH162268 Datasheet
257Kb / 6P
   12-Bit To 24-Bit Registered Bus Exchanger
logo
Integrated Device Techn...
IDT74ALVCH16270 IDT-IDT74ALVCH16270 Datasheet
81Kb / 7P
   3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD
logo
Texas Instruments
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com