Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7201LA65TP Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7201LA65TP
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7201LA65TP Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7201LA65TP Datasheet HTML 1Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 2Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 3Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 4Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 5Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 6Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 7Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 8Page - Integrated Device Technology IDT7201LA65TP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
IDT7200/7201A/7202A CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
MILITARY, INDUSTRIAL AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
±10%, TA = 0°C to +70°C; Industrial: VCC = 5V ±10%, TA = –40°C to +85°C; Military: VCC = 5V ±10%, TA = –55°C to +125°C)
Commercial
Com'l & Mil. Com'l & Ind'l
(2)
Military
Com'l
7200L12
7200L15
7200L20
7200L25
7200L30
7200L35
7201LA12 7201LA15
7201LA20
7201LA25
7201LA30 7201LA35
7202LA12 7202LA15
7202LA20
7202LA25
7202LA30 7202LA35
Symbol
Parameter
Min. Max. Min. Max.
Min.
Max.
Min.
Max.
Min. Max. Min. Max. Unit
tS
Shift Frequency
50
40
33.3
28.5
25
22.2 MHz
tRC
Read Cycle Time
20
25
30
35
40
45
ns
tA
Access Time
12
15
20
25
30
35
ns
tRR
Read Recovery Time
8
10
10
10
10
10
ns
tRPW
Read Pulse Width
(3)
12
15
20
25
30
35
ns
tRLZ
Read Pulse Low to Data Bus at Low Z
(4)
3
5—
5
5
5—
5
ns
tWLZ
Write Pulse High to Data Bus at Low Z
(4,5)
3
5—
5
5
5—
10
ns
tDV
Data Valid from Read Pulse High
5
5
5
5
5
5
ns
tRHZ
Read Pulse High to Data Bus at High Z
(4)
12
15
15
18
20
20
ns
tWC
Write Cycle Time
20
25
30
35
40
45
ns
tWPW
Write Pulse Width
(3)
12
15
20
25
30
35
ns
tWR
Write Recovery Time
8
10
10
10
10
10
ns
tDS
Data Set-up Time
9
11
12
15
18
18
ns
tDH
Data Hold Time
0
0
0
0
0
0
ns
tRSC
Reset Cycle Time
20
25
30
35
40
45
ns
tRS
Reset Pulse Width
(3)
12
15
20
25
30
35
ns
tRSS
Reset Set-up Time
(4)
12
15
20
25
30
35
ns
tRSR
Reset Recovery Time
8
10
10
10
10
10
ns
tRTC
Retransmit Cycle Time
20
25
30
35
40
45
ns
tRT
Retransmit Pulse Width
(3)
12
15
20
25
30
35
ns
tRTS
Retransmit Set-up Time
(4)
12
15
20
25
30
35
ns
tRTR
Retransmit Recovery Time
8
10
10
10
10
10
ns
tEFL
Reset to Empty Flag Low
12
25
30
35
40
45
ns
tHFH,FFH Reset to Half-Full and Full Flag High
17
25
30
35
40
45
ns
tRTF
Retransmit Low to Flags Valid
20
25
30
35
40
45
ns
tREF
Read Low to Empty Flag Low
12
15
20
25
30
30
ns
tRFF
Read High to Full Flag High
14
15
20
25
30
30
ns
tRPE
Read Pulse Width after
EF High
12
15
20
25
30
35
ns
tWEF
Write High to Empty Flag High
12
15
20
25
30
30
ns
tWFF
Write Low to Full Flag Low
14
15
20
25
30
30
ns
tWHF
Write Low to Half-Full Flag Low
17
25
30
35
40
45
ns
tRHF
Read High to Half-Full Flag High
17
25
30
35
40
45
ns
tWPF
Write Pulse Width after
FF High
12
15
20
25
30
35
ns
tXOL
Read/Write to
XO Low
12
15
20
25
30
35
ns
tXOH
Read/Write to
XO High
12
15
20
25
30
35
ns
tXI
XI Pulse Width(3)
12
15
20
25
30
35
ns
tXIR
XI Recovery Time
8
10
10
10
10
10
ns
tXIS
XI Set-up Time
8
10
10
10
10
10
ns
NOTES:
2679 tbl 06
1. Timings referenced as in AC Test Conditions.
3. Pulse widths less than minimum value are not allowed.
2. Industrial temperature range is available by special order for
4. Values guaranteed by design, not currently tested.
speed grades faster than 25ns.
5. Only applies to read data flow-through mode.


Similar Part No. - IDT7201LA65TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7201LA ETC2-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7201LA IDT-IDT7201LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results

Similar Description - IDT7201LA65TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
7201LA20DB IDT-7201LA20DB Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com