Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD526 Datasheet(PDF) 11 Page - Analog Devices

Part # AD526
Description  Software Programmable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD526_15 Datasheet HTML 6Page - Analog Devices AD526_15 Datasheet HTML 7Page - Analog Devices AD526_15 Datasheet HTML 8Page - Analog Devices AD526_15 Datasheet HTML 9Page - Analog Devices AD526_15 Datasheet HTML 10Page - Analog Devices AD526_15 Datasheet HTML 11Page - Analog Devices AD526_15 Datasheet HTML 12Page - Analog Devices AD526_15 Datasheet HTML 13Page - Analog Devices AD526_15 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AD526
REV. D
–11–
OFFSET NULLING
Input voltage offset nulling of the AD526 is best accomplished
at a gain of 16, since the referred-to-input (RTI) offset is ampli-
fied the most at this gain and therefore is most easily trimmed.
The resulting trimmed value of RTI voltage offset typically
varies less than 3
µV across all gain ranges.
Note that the low input current of the AD526 minimizes RTI
voltage offsets due to source resistance.
OUT
FORCE
OUT
SENSE
VOUT
0.1 F
–VS
0.1 F
+VS
VIN
16
15
14
13
12
11
10
9
12
34
56
78
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
20k
Figure 39. Offset Voltage Null Circuit
OUTPUT CURRENT BOOSTER
The AD526 is rated for a full
±10 V output voltage swing into
2 k
Ω. In some applications, the need exists to drive more cur-
rent into heavier loads. As shown in Figure 40, a high current
booster may be connected “inside the loop” of the SPGA to
provide the required current boost without significantly degrad-
ing overall performance. Nonlinearities, offset and gain inaccu-
racies of the buffer are minimized by the loop gain of the
AD526 output amplifier.
OUT
FORCE
OUT
SENSE
–VS
0.1 F
+VS
VIN
16
15
14
13
12
11
10
9
12
34
56
78
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
HOS-100
0.01 F
0.1 F
0.01 F
RL
Figure 40. Current Output Boosting
CASCADED OPERATION
A cascade of two AD526s can be used to achieve binarily
weighted gains from 1 to 256. If gains from 1 to 128 are needed,
no additional components are required. This is accomplished by
using the B pin as shown in Figure 38. When the B pin is low,
the AD526 is held in a unity gain stage independent of the other
gain code values.
OFFSET NULLING WITH A D/A CONVERTER
Figure 41 shows the AD526 with offset nulling accomplished
with an 8-bit D/A converter (AD7524) circuit instead of the
potentiometer shown in Figure 39. The calibration procedure is
the same as before except that instead of adjusting the potenti-
ometer, the D/A converter corrects for the offset error. This
calibration circuit has a number of benefits in addition to elimi-
nating the trimpot. The most significant benefit is that calibra-
tion can be under the control of a microprocessor and therefore
can be implemented as part of an autocalibration scheme. Sec-
ondly, dip switches or RAM can be used to hold the 8-bit word
after its value has been determined. In Figure 42 the offset null
sensitivity, at a gain of 16, is 80
µV per LSB of adjustment,
which guarantees dc accuracy to the 16-bit performance level.
OUT
FORCE
OUT
SENSE
VOUT
0.1 F
–VS
0.1 F
+VS
VIN
16
15
14
13
12
11
10
9
1
2
34
56
7
8
+
AD526
16
84
21
GAIN NETWORK
A1
A0
CS CLK
A2
B
LOGIC AND LATCHES
AD581 OR
AD587
+10V
VREF
7.5M
3.3M
AD548
0.01 F
0.01 F
+
+VS
–VS
ALL BYPASS CAPACITORS ARE 0.1 F
AD7524
GND
10 F
1k
OUT 1
OUT 2
+VS
MSB
LSB
CS
WR
Figure 41. Offset Nulling Using a DAC


Similar Part No. - AD526_15

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Analog Devices
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
More results

Similar Description - AD526_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com