Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD526 Datasheet(PDF) 1 Page - Analog Devices

Part # AD526
Description  Software Programmable Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD526 Datasheet(HTML) 1 Page - Analog Devices

  AD526_15 Datasheet HTML 1Page - Analog Devices AD526_15 Datasheet HTML 2Page - Analog Devices AD526_15 Datasheet HTML 3Page - Analog Devices AD526_15 Datasheet HTML 4Page - Analog Devices AD526_15 Datasheet HTML 5Page - Analog Devices AD526_15 Datasheet HTML 6Page - Analog Devices AD526_15 Datasheet HTML 7Page - Analog Devices AD526_15 Datasheet HTML 8Page - Analog Devices AD526_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Software Programmable
Gain Amplifier
AD526
FEATURES
Digitally Programmable Binary Gains from 1 to 16
Two-Chip Cascade Mode Achieves Binary Gain from
1 to 256
Gain Error:
0.01% Max, Gain = 1, 2, 4 (C Grade)
0.02% Max, Gain = 8, 16 (C Grade)
0.5 ppm/ C Drift Over Temperature
Fast Settling Time
10 V Signal Change:
0.01% in 4.5
s (Gain = 16)
Gain Change:
0.01% in 5.6
s (Gain = 16)
Low Nonlinearity:
0.005% FSR Max (J Grade)
Excellent DC Accuracy:
Offset Voltage: 0.5 mV Max (C Grade)
Offset Voltage Drift: 3
V/ C (C Grade)
TTL-Compatible Digital Inputs
PRODUCT DESCRIPTION
The AD526 is a single-ended, monolithic software program-
mable gain amplifier (SPGA) that provides gains of 1, 2, 4, 8
and 16. It is complete, including amplifier, resistor network
and TTL-compatible latched inputs, and requires no external
components.
Low gain error and low nonlinearity make the AD526 ideal for
precision instrumentation applications requiring programmable
gain. The small signal bandwidth is 350 kHz at a gain of 16. In
addition, the AD526 provides excellent dc precision. The FET-
input stage results in a low bias current of 50 pA. A guaranteed
maximum input offset voltage of 0.5 mV max (C grade) and low
gain error (0.01%, G = 1, 2, 4, C grade) are accomplished using
Analog Devices’ laser trimming technology.
To provide flexibility to the system designer, the AD526 can be
operated in either latched or transparent mode. The force/sense
configuration preserves accuracy when the output is connected
to remote or low impedance loads.
The AD526 is offered in one commercial (0
°C to +70°C) grade,
J, and three industrial grades, A, B and C, which are specified
from –40
°C to +85°C. The S grade is specified from –55°C to
+125
°C. The military version is available processed to MIL-
STD 883B, Rev C. The J grade is supplied in a 16-lead plastic
DIP, and the other grades are offered in a 16-lead hermetic
side-brazed ceramic DIP.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DIG GND
A1
AD526
NULL
A0
VIN
CS
NULL
CLK
ANALOG GND 2
A2
ANALOG GND 1
B
–VS
+VS
VOUT SENSE
VOUT FORCE
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD526JN
Commercial
16-Lead Plastic DIP N-16
AD526AD
Industrial
16-Lead Cerdip
D-16
AD526BD
Industrial
16-Lead Cerdip
D-16
AD526CD
Industrial
16-Lead Cerdip
D-16
AD526SD
Military
16-Lead Cerdip
D-16
AD526SD/883B
Military
16-Lead Cerdip
D-16
5962-9089401MEA* Military
16-Lead Cerdip
D-16
*Refer to official DESC drawing for tested specifications.
APPLICATION HIGHLIGHTS
1. Dynamic Range Extension for ADC Systems: A single
AD526 in conjunction with a 12-bit ADC can provide
96 dB of dynamic range for ADC systems.
2. Gain Ranging Preamps: The AD526 offers complete digital
gain control with precise gains in binary steps from 1 to 16.
Additional gains of 32, 64, 128 and 256 are possible by cas-
cading two AD526s.


Similar Part No. - AD526_15

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD52651A ESMT-AD52651A Datasheet
170Kb / 3P
   2.5W/CH Stereo Filter-less Class-D Audio Amplifier with Headphone Driver
logo
Analog Devices
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
More results

Similar Description - AD526_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526JNZ AD-AD526JNZ Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
AD526 AD-AD526_16 Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526_17 Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
AD526 AD-AD526 Datasheet
464Kb / 14P
   Software Programmable Gain Amplifier
REV. D
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com