Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT163373 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT163373
Description  3.3V CMOS 16-BIT TRANSPARENT LATCH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT163373 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT163373 Datasheet HTML 1Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 2Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT163373 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated Device Technology, Inc.
DESCRIPTION:
The FCT163373/A/C 16-bit transparent D-type latches are
built using advanced dual metal CMOS technology. These
high-speed, low-power latches are ideal for temporary stor-
age of data. They can be used for implementing memory
address latches, I/O ports, and bus drivers.
The Output
Enable and Latch Enable controls are organized to operate
each device as two 8-bit latches or one 16-bit latch. Flow-
through organization of signal pins simplifies layout. All inputs
are designed with hysteresis for improved noise margin.
The inputs of FCT163373/A/C can be driven from either
3.3V or 5V devices. This feature allows the use of these
transparent latches as translators in a mixed 3.3V/5V supply
system. With xLE inputs HIGH, the FCT163373/A/C can be
used as buffers to connect 5V components to a 3.3V bus.
FUNCTIONAL BLOCK DIAGRAM
1
OE
1
LE
1
O1
1
D1
2601 drw 01
TO 7 OTHER CHANNELS
C
D
2
O1
2
OE
2
LE
2
D1
2601 drw 02
TO 7 OTHER CHANNELS
C
D
3.3V CMOS
16-BIT TRANSPARENT
LATCH
IDT74FCT163373/A/C
COMMERCIAL TEMPERATURE RANGE
AUGUST 1996
©1996 Integrated Device Technology, Inc.
8.4
DSC-2601/6
1
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP and 15.7 mil pitch TVSOP
• Extended commercial range of -40
°C to +85°C
•VCC = 3.3V
±0.3V, Normal Range or
VCC = 2.7 to 3.6V, Extended Range
• CMOS power levels (0.4
µW typ. static)
• Rail-to-Rail output swing for increased noise margin
• Low Ground Bounce (0.3V typ.)
• Inputs (except I/O) can be driven by 3.3V or 5V
components
The IDT logo is a registered trademark of Integrated Device Technology, Inc.


Similar Part No. - IDT74FCT163373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
IDT74FCT163373C RENESAS-IDT74FCT163373C Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
More results

Similar Description - IDT74FCT163373

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT163373A RENESAS-IDT74FCT163373A Datasheet
239Kb / 8P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
SEPTEMBER 2009
logo
Integrated Device Techn...
74FCT163373PV IDT-74FCT163373PV Datasheet
353Kb / 7P
   3.3V CMOS 16-BIT TRANSPARENT LATCH
logo
Pericom Semiconductor C...
PI74FCT163373 PERICOM-PI74FCT163373 Datasheet
73Kb / 5P
   Fast CMOS 3.3V 16-Bit Transparent Latch
PI74LCX16373 PERICOM-PI74LCX16373 Datasheet
159Kb / 6P
   Fast CMOS 3.3V 16-Bit Transparent Latch
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74FCT16373AT IDT-IDT74FCT16373AT_17 Datasheet
92Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
logo
Renesas Technology Corp
IDT74FCT162373AT RENESAS-IDT74FCT162373AT Datasheet
286Kb / 8P
   FAST CMOS 16-BIT TRANSPARENT LATCH
MARCH 2015
logo
Integrated Device Techn...
IDT74FCT162373AT IDT-IDT74FCT162373AT_06 Datasheet
74Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT162373AT IDT-IDT74FCT162373AT_15 Datasheet
107Kb / 7P
   FAST CMOS 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com