Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7024S55FB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7024S55FB
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7024S55FB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7024S55FB Datasheet HTML 5Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 6Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 7Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 8Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 9Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 10Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 11Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 12Page - Integrated Device Technology IDT7024S55FB Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
IDT7024S/L
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.15
9
AC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE(5)
IDT7024X15
IDT7024X17
IDT7024X20
IDT7024X25
Com'l. Only
Com'l. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
15
17
20
25
ns
tEW
Chip Enable to End-of-Write
(3)
12
12
15
20
ns
tAW
Address Valid to End-of-Write
12
12
15
20
ns
tAS
Address Set-up Time
(3)
0
0—
0—
0—
ns
tWP
Write Pulse Width
12
12
15
20
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Valid to End-of-Write
10
10
15
15
ns
tHZ
Output High-Z Time
(1, 2)
10
10
12
15
ns
tDH
Data Hold Time
(4)
0
0—
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
10
10
12
15
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0
0—
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
5
ns
IDT7024X35
IDT7024X55
IDT7024X70
Mil. Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
WRITE CYCLE
tWC
Write Cycle Time
35
55
70
ns
tEW
Chip Enable to End-of-Write
(3)
30
45
50
ns
tAW
Address Valid to End-of-Write
30
45
50
ns
tAS
Address Set-up Time
(3)
0—
0—
0—
ns
tWP
Write Pulse Width
25
40
50
ns
tWR
Write Recovery Time
0
0
0
ns
tDW
Data Valid to End-of-Write
15
30
40
ns
tHZ
Output High-Z Time
(1, 2)
—15—25
—30
ns
tDH
Data Hold Time
(4)
0—
0—
0—
ns
tWZ
Write Enable to Output in High-Z
(1, 2)
—15—25
—30
ns
tOW
Output Active from End-of-Write
(1, 2, 4)
0—
0—
0—
ns
tSWRD
SEM Flag Write to Read Time
5
5
5
ns
tSPS
SEM Flag Contention Window
5
5
5
ns
NOTES:
2740 tbl 14
1. Transition is measured
±500mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. To access RAM,
CE = VIL, UB or LB = VIL, SEM = VIH. To access semaphore, CE = VIH or UB & LB = VIH, and SEM = VIL. Either condition must be valid
for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary
over voltage and temperature, the actual tDH will always be smaller than the actual tOW.
5. "X" in part numbers indicates power rating (S or L).


Similar Part No. - IDT7024S55FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7024S55FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com