Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-1420-WM000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-1420-WM000
Description  T-1 (3 mm) High Intensity LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-1420-WM000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-1420-WM000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-1420-WM000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings at TA = 25°C
Parameter
Red
Yellow
Green
Units
Peak Forward Current
90
60
90
mA
Average Forward Current[1]
25
20
25
mA
DC Current[2]
30
20
30
mA
Power Dissipation[3]
135
85
135
mW
Reverse Voltage (IR = 100 µA)
5
5
5
V
Transient Forward Current[4]
500
500
500
mA
(10
µsec Pulse)
LED Junction Temperature
110
110
110
°C
Operating Temperature Range
-55 to +100
-55 to +100
-20 to +100
°C
Storage Temperature Range
-55 to +100
Lead Soldering Temperature
260
°C for 5 seconds
[1.6 mm (0.063 in.) from body]
Notes:
1. See Figure 5 (Red), 10 (Yellow), or 15 (Green) to establish pulsed operating conditions.
2. For Red and Green series derate linearly from 50
°C at 0.5 mA/°C. For Yellow series derate linearly from 50°C at 0.2 mA/°C.
3. For Red and Green series derate power linearly from 25
°C at 1.8 mW/°C. For Yellow series derate power linearly from 50°C at
1.6 mW/
°C.
4. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED
die and wirebond. It is not recommended that the device be operated at peak currents beyond the peak forward current listed in the
Absolute Maximum Ratings.
Part Numbering System
HLMP - 1 x xx - x x x xx
Mechanical Option
00: Bulk
01: Tape & Reel, Crimped Leads
02: Tape & Reel, Straight Leads
A1: Right Angle Housing, Uneven Leads
A2: Right Angle Housing, Even Leads
Color Bin Options
0: Full Color Bin Distribution
Maximum Iv Bin Options
0: Open (no max. limit)
Others: Please refer to the Iv Bin Table
Minimum Iv Bin Options
Please refer to the Iv Bin Table
Lens Options
20: Untinted or Microtinted, Non-diffused
21: Tinted, Non-diffused
Color Options
3: GaP HER
4: GaP Yellow
5: GaP Green
Package Options
1: T-1 (3 mm)


Similar Part No. - HLMP-1420-WM000

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-1420 QT-HLMP-1420 Datasheet
244Kb / 3P
   CLEAR LENS T-100 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1420 AVAGO-HLMP-1420 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
More results

Similar Description - HLMP-1420-WM000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
   T-1 3/4 (5mm) High Intensity LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
Broadcom Corporation.
HLMP-1301 BOARDCOM-HLMP-1301 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1385 HP-HLMP-1385 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-1301 HP-HLMP-1301 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1301 AVAGO-HLMP-1301 Datasheet
1Mb / 13P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-YXXX BOARDCOM-HLMP-YXXX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-KA45 AVAGO-HLMP-KA45 Datasheet
240Kb / 7P
   T-1 (3 mm) High Intensity InGaN Lamp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com