Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3060PT Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # SF3060PT
Description  Super Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SF3060PT Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  SF3060PT Datasheet HTML 1Page - Bruckewell Technology LTD SF3060PT Datasheet HTML 2Page - Bruckewell Technology LTD SF3060PT Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary_SF3060PT
Super Fast Rectifiers
Publication Order Number: [SF3060PT]
© Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage per diode
at IF=15A, TA=25°C
VF
2.3
2.5
V
Maximum reverse current per leg
Tj=25°C
IR
10
uA
at working peak reverse voltage
Tj=125°C
500
uA
Reverse Recovery Time
IF=0.5A,IR=1A, Irr=0.25A
Trr
35
ns
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
Rthja
1.2
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2
) Pulse test: Pulse width ≤ 40 ms
(3) Cj Measured at 1.0MHz and reverse voltage of 4.0V DC.


Similar Part No. - SF3060PT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SF3060PT ZSELEC-SF3060PT Datasheet
158Kb / 2P
   30.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF3060PT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com