Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72230L35TP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72230L35TP
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72230L35TP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72230L35TP Datasheet HTML 1Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 2Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 3Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 4Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 5Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 6Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 7Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 8Page - Integrated Device Technology IDT72230L35TP Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5.12
5
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to + 70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
2680 tbl 08
Commercial
Commercial & Military
Comm.
Comm./Mil.
72220L12
72220L15
72220L20
72220L25
72220L35
72220L50
72230L12
72230L15
72230L20
72230L25
72230L35
72230L50
72240L12
72240L15
72240L20
72240L25
72240L35
72240L50
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
83.3
66.7
50
40
28.6
20
MHz
tA
Data Access Time
2
8
2
10
2
12
3
15
3
20
3
25
ns
tCLK
Clock Cycle Time
12
15
20
25
35
50
ns
tCLKH
Clock High Time
5
6
8
10
14
20
ns
tCLKL
Clock Low Time
5
6
8
10
14
20
ns
tDS
Data Set-up Time
3
4
5
6
8
10
ns
tDH
Data Hold Time
.5
1
1
1
2
2
ns
tENS
Enable Set-up Time
3
4
5
6
8
10
ns
tENH
Enable Hold Time
.5
1
1
1
2
2
ns
tRS
Reset Pulse Width(1)
12
15
20
25
35
50
ns
tRSS
Reset Set-up Time
12
15
20
25
35
50
ns
tRSR
Reset Recovery Time
12
15
20
25
35
50
ns
tRSF
Reset to Flag and Output Time
12
15
20
25
35
50
ns
tOLZ
Output Enable to Output in Low-Z(2)
0
0—
0—
0—
0
0—
ns
tOE
Output Enable to Output Valid
3
7
3
8
3
10
3
13
3
15
3
23
ns
tOHZ
Output Enable to Output in High-Z(2)
37
38
3
10
3
13
3
15
3
23
ns
tWFF
Write Clock to Full Flag
8
10
12
15
20
30
ns
tREF
Read Clock to Empty Flag
8
10
12
15
20
30
ns
tAF
Write Clock to Almost-Full Flag
8
10
12
15
20
30
ns
tAE
Read Clock to Almost-Empty Flag
8
10
12
15
20
30
ns
tSKEW1 Skew time between Read Clock
5
6
8
10
12
15
ns
& Write Clock for Empty Flag &
Full Flag
tSKEW2 Skew time between Read Clock &
22
28
35
40
42
45
ns
Write Clock for Almost-Empty Flag
& Almost-Full Flag
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Values guaranteed by design, not currently tested.
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
2680 tbl 09
5V
1.1K
30pF*
680
D.U.T.
2680 drw 03
*Includes jig and scope capacitances.
or equivalent circuit
Figure 1. Output Load


Similar Part No. - IDT72230L35TP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72230L10TPG IDT-IDT72230L10TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72230L15TPG IDT-IDT72230L15TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72230L25TPG IDT-IDT72230L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72230L35TP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com